Electronic Components Datasheet Search
  English  ▼

X  

LT3150 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3150
Description  Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3150 Datasheet(HTML) 2 Page - Linear Technology

  LT3150 Datasheet HTML 1Page - Linear Technology LT3150 Datasheet HTML 2Page - Linear Technology LT3150 Datasheet HTML 3Page - Linear Technology LT3150 Datasheet HTML 4Page - Linear Technology LT3150 Datasheet HTML 5Page - Linear Technology LT3150 Datasheet HTML 6Page - Linear Technology LT3150 Datasheet HTML 7Page - Linear Technology LT3150 Datasheet HTML 8Page - Linear Technology LT3150 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT3150
3150f
(Note 1)
VIN1, SHDN1 Voltage .............................................. 10V
SW Voltage .............................................. – 0.4V to 36V
FB1 Voltage ................................................ VIN1 + 0.3V
Current into FB1, FB2 Pin ....................................
±1mA
VIN2, IPOS, INEG ....................................................... 22V
SHDN2 .................................................................... VIN2
Operating Ambient Temperature Range ..... 0
°C to 70°C
Junction Temperature (Note 2) ........................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
SW
SWGND
VIN1
SHDN2
VIN2
GND
NC
FB2
FB1
GND
SHDN1
IPOS
INEG
GATE
NC
COMP
ORDER PART
NUMBER
LT3150CGN
GN PART
MARKING
3150
TJMAX = 125°C, θJA = 130°C/W, θJC = 40°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN1 = 1.5V, VSHDN1 = VIN1, VIN2 = 12V, GATE = 6V, IPOS = INEG = 5V, VSHDN2 = 0.75V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Boost Switching Regulator
VIN1 Minimum Operating Voltage
0.9
1.1
V
VIN1 Maximum Operating Voltage
10
V
VFB1
FB1 Reference Voltage
q
1.20
1.23
1.255
V
FB1 Input Bias Current
Current Flows into Pin
q
27
80
nA
IQ1
VIN1 Quiescent Current
VSHDN1 = 1.5V
3
4.5
mA
VIN1 Quiescent Current in Shutdown
VSHDN1 = 0V, VIN1 = 2V
0.01
0.5
µA
VSHDN1 = 0V, VIN1 = 5V
0.01
1.0
µA
FB1 Reference Line Regulation
1.5V
≤ VIN1 ≤ 10V
0.02
0.2
%/V
Switching Frequency
q
1
1.4
1.9
MHz
Maximum Duty Cycle
q
82
86
%
Switch Current Limit
(Note 3)
550
800
mA
Switch VCESAT
ISW = 300mA
300
350
mV
Switch Leakage Current
VSW = 5V
0.01
1
µA
SHDN1 Input Voltage High
1
V
SHDN1 Input Voltage Low
0.3
V
SHDN1 Input Bias Current
VSHDN1 = 3V, Current Flows into Pin
25
50
µA
VSHDN1 = 0V, Current Flows into Pin
0.01
0.1
µA
Linear Regulator Controller
IQ2
VIN2 Quiescent Current
q
512
19
mA
VFB2
FB2 Reference Voltage
1.203
1.210
1.217
V
q
1.198
1.210
1.222
V
FB2 Line Regulation
10V
≤ VIN2 ≤ 20V
q
0.01
0.03
%/V
FB2 Input Bias Current
FB2 = VFB2, Current Flows out of Pin
q
–0.6
–4
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com