Electronic Components Datasheet Search
  English  ▼

X  

IR3082 Datasheet(PDF) 33 Page - International Rectifier

Part # IR3082
Description  XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3082 Datasheet(HTML) 33 Page - International Rectifier

Back Button IR3082 Datasheet HTML 25Page - International Rectifier IR3082 Datasheet HTML 26Page - International Rectifier IR3082 Datasheet HTML 27Page - International Rectifier IR3082 Datasheet HTML 28Page - International Rectifier IR3082 Datasheet HTML 29Page - International Rectifier IR3082 Datasheet HTML 30Page - International Rectifier IR3082 Datasheet HTML 31Page - International Rectifier IR3082 Datasheet HTML 32Page - International Rectifier IR3082 Datasheet HTML 33Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
IR3082
Page 33 of 33
12/17/04
PACKAGE INFORMATION
20L MLPQ (5 x 5 mm Body) – θJA = 30
oC/W, θJC = 3oC/W
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
www.irf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com