Electronic Components Datasheet Search
  English  ▼

X  

IR3082 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3082
Description  XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3082 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3082 Datasheet HTML 7Page - International Rectifier IR3082 Datasheet HTML 8Page - International Rectifier IR3082 Datasheet HTML 9Page - International Rectifier IR3082 Datasheet HTML 10Page - International Rectifier IR3082 Datasheet HTML 11Page - International Rectifier IR3082 Datasheet HTML 12Page - International Rectifier IR3082 Datasheet HTML 13Page - International Rectifier IR3082 Datasheet HTML 14Page - International Rectifier IR3082 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
IR3082
Page 11 of 11
12/17/04
IR3082 THEORY OF OPERATION
Block Diagram
The Block diagram of the IR3082 is shown in figure 7 and discussed in the following sections.
+
-
+
DISABLE
EAOUT
FB
ERROR
AMP
IFB
-
ISINK
ISOURCE
VDAC
BUFFER
AMP
+
"FAST"
VDAC
+
-
+
-
40uA
DISCHG
OC
IROSC
IROSC
IROSC
+
-
VBIAS
+
-
+
-
+
-
+
-
+
-
+-
+
-
+
-
1.270V
+
-
+
-
1.205V
+
-
+
-
+
-
ENABLE
VOSNS-
IIN
VID1
VCC
OCSET
LGND
ROSC
VID2
VID0
VDAC
RMPOUT
SS/DEL
PWRGD
VDRP
VBIAS
VID4
VID3
+
-
+
-
6uA
50%
DUTY
CYCLE
ON
1.24V
IDISCHG
1.0V
CURRENT
SOURCE
GENERATOR
RAMP GENERATOR
66uA
ON
SS/DEL
DISCHARGE
OC
COMPARATOR
7.0V
VCHG
3.9V
SOFTSTART
CLAMP
5.0V
VBIAS
REGULATOR
ICHG
VDRP
AMP
ROSC
BUFFER
AMP
0.225V
OFF
70mV
CURRENT
700ns
BLANKING
DIGITAL TO
ANALOG
CONVERTER
VCC
UVLO
COMPARATOR
9.75V
ENABLE
COMPARATOR
9.0V
IOCSET
VID INPUT
COMPARATORS
(1 OF 5
SHOWN)
V
I
D
=
O
F
F
DELAY
COMPARATOR
DISCHARGE
COMPARATOR
O
V
E
R
C
U
R
R
E
N
T
+
-
FAULT
LATCH
R
S
S
E
T
D
O
M
I
N
A
N
T
IHICCUP
1.3V
115mV
Figure 7 – IR3082 Block Diagram
VID Control
A 5-bit VID voltage compatible with AMD’s Opteron/Athlon64, as shown in Table 1, is available at the VDAC pin.
The VID pins require an external bias voltage and should not be floated. The VID input comparators, with 1.2V
reference, monitor the VID pins and control the 6 bit Digital-to-Analog Converter (DAC) whose output is sent to the
VDAC buffer amplifier. The output of the buffer amp is the VDAC pin. The VDAC voltage is trimmed to compensate
for the input offsets of the Error Amp to provide 1% system set-point accuracy and is pre-positioned 50mV higher
than Vout listed in Table1 for load positioning. The actual VDAC voltage does not determine the system accuracy
and has a wider tolerance.
The IR3082 can accept changes in the VID code while operating and vary the DAC voltage accordingly. The
sink/source capability of the VDAC buffer amp is programmed by the same external resistor that sets the oscillator
frequency. The slew rate of the voltage at the VDAC pin can be adjusted by an external capacitor between VDAC
pin and the VOSNS- pin. A resistor connected in series with this capacitor is required to compensate the VDAC
buffer amplifier. Digital VID transitions result in a smooth analog transition of the VDAC voltage and converter
output voltage minimizing inrush currents in the input and output capacitors and overshoot of the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com