Electronic Components Datasheet Search
  English  ▼

X  

IR3082 Datasheet(PDF) 17 Page - International Rectifier

Part # IR3082
Description  XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3082 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3082 Datasheet HTML 13Page - International Rectifier IR3082 Datasheet HTML 14Page - International Rectifier IR3082 Datasheet HTML 15Page - International Rectifier IR3082 Datasheet HTML 16Page - International Rectifier IR3082 Datasheet HTML 17Page - International Rectifier IR3082 Datasheet HTML 18Page - International Rectifier IR3082 Datasheet HTML 19Page - International Rectifier IR3082 Datasheet HTML 20Page - International Rectifier IR3082 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
IR3082
Page 17 of 17
12/17/04
APPLICATIONS INFORMATION
DBST
ROSC
CSCOMP
L
CIN
R
P
H
A
S
E
1
1
C
P
W
M
R
M
P
RCP
CSCOMP
CCS+
CIN
D
A
C
IN
1
9
B
IA
S
IN
2
0
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
C
S
IN
-
1
7
P
H
S
F
L
T
1
8
HOTSET
3
VRHOT
4
S
C
O
M
P
6
E
A
IN
7
PGND
13
GATEL
12
L
G
N
D
9
P
W
M
R
M
P
8
ISHARE
5
V
C
C
1
0
VCCL
11
C
S
IN
+
1
6
IR3086
PHASE
IC
20k
RBIASIN
ROCSET
CVCCL
L
RPWMRMP
L
D
A
C
IN
1
9
B
IA
S
IN
2
0
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
C
S
IN
-
1
7
P
H
S
F
L
T
1
8
HOTSET
3
VRHOT
4
S
C
O
M
P
6
E
A
IN
7
PGND
13
GATEL
12
L
G
N
D
9
P
W
M
R
M
P
8
ISHARE
5
V
C
C
1
0
VCCL
11
C
S
IN
+
1
6
IR3086
PHASE
IC
RFB1
CVCC
DBST
R
P
H
A
S
E
5
3
RCS+
CVDAC
CCP
RFB
CBST
RVCC
DGATE
RVCC
RVCC
CSCOMP
DBST
0.1uF
CVCC
L
RCS+
CCS-
C
P
W
M
R
M
P
RVCC
CCS+
R
P
H
A
S
E
2
2
CCS+
RCS-
CCS-
R
P
H
A
S
E
4
2
RPWMRMP
RCS+
CIN
10 ohm
RVCC
CBST
R
P
H
A
S
E
2
1
RCS-
RPWMRMP
CSCOMP
R
P
H
A
S
E
4
3
R
P
H
A
S
E
1
3
QGATE
0.1uF
L
RCS-
CCS-
DBST
CBST
RPWMRMP
C
P
W
M
R
M
P
CVCCL
CVCC
RDRP
CCS+
CCS-
D
A
C
IN
1
9
B
IA
S
IN
2
0
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
C
S
IN
-
1
7
P
H
S
F
L
T
1
8
HOTSET
3
VRHOT
4
S
C
O
M
P
6
E
A
IN
7
PGND
13
GATEL
12
L
G
N
D
9
P
W
M
R
M
P
8
ISHARE
5
V
C
C
1
0
VCCL
11
C
S
IN
+
1
6
IR3086
PHASE
IC
R
P
H
A
S
E
3
3
RPWMRMP
20k
RBIASIN
RCS-
20k
RBIASIN
D
A
C
IN
1
9
B
IA
S
IN
2
0
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
C
S
IN
-
1
7
P
H
S
F
L
T
1
8
HOTSET
3
VRHOT
4
S
C
O
M
P
6
E
A
IN
7
PGND
13
GATEL
12
L
G
N
D
9
P
W
M
R
M
P
8
ISHARE
5
V
C
C
1
0
VCCL
11
C
S
IN
+
1
6
IR3086
PHASE
IC
R
P
H
A
S
E
2
3
R
P
H
A
S
E
4
1
CIN
RCS+
RVDAC
R
P
H
A
S
E
1
2
R
P
H
A
S
E
5
2
RGATE
CCP1
DBST
20k
RBIASIN
CSCOMP
D
A
C
IN
1
9
B
IA
S
IN
2
0
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
C
S
IN
-
1
7
P
H
S
F
L
T
1
8
HOTSET
3
VRHOT
4
S
C
O
M
P
6
E
A
IN
7
PGND
13
GATEL
12
L
G
N
D
9
P
W
M
R
M
P
8
ISHARE
5
V
C
C
1
0
VCCL
11
C
S
IN
+
1
6
IR3086
PHASE
IC
R
P
H
A
S
E
3
2
CVCC
CCS+
CVCCL
RCS-
CVCCL
CBST
R
P
H
A
S
E
3
1
CBST
CVCC
CIN
RCS+
CCS-
20k
RBIASIN
C
S
S
/D
E
L
CFB
R
P
H
A
S
E
5
1
CVCC
C
P
W
M
R
M
P
C
P
W
M
R
M
P
R
S
S
/D
E
L
CVCCL
RVCC
PHASE FAULT
VRHOT
POWERGOOD
VOUT SENSE-
VOUT SENSE+
VOUT+
ENABLE
VOUT-
VID4
VID0
VID2
VID1
VID3
12V
DISTRIBUTION
IMPEDANCE
COUT
VID0
1
VID1
2
VID2
3
VID3
4
VID4
5
P
W
R
G
D
1
9
V
O
S
N
S
-
6
V
D
A
C
8
S
S
/D
E
L
1
8
R
O
S
C
7
E
N
A
B
L
E
2
0
R
M
P
O
U
T
1
7
L
G
N
D
1
6
VCC
15
VBIAS
14
EAOUT
13
FB
12
VDRP
11
II
N
1
0
O
C
S
E
T
9
IR3082
CONTROL
IC
Figure 12 – IR3082/3086 5 Phase Converter for Opteron Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com