Electronic Components Datasheet Search
  English  ▼

X  

IR3082 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3082
Description  XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3082 Datasheet(HTML) 1 Page - International Rectifier

  IR3082 Datasheet HTML 1Page - International Rectifier IR3082 Datasheet HTML 2Page - International Rectifier IR3082 Datasheet HTML 3Page - International Rectifier IR3082 Datasheet HTML 4Page - International Rectifier IR3082 Datasheet HTML 5Page - International Rectifier IR3082 Datasheet HTML 6Page - International Rectifier IR3082 Datasheet HTML 7Page - International Rectifier IR3082 Datasheet HTML 8Page - International Rectifier IR3082 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Data Sheet No. PD94710
Page 1 of 1
12/17/04
IR3082
XPHASE
TM AMD OPTERONTM/ATHLON 64TM CONTROL IC
DESCRIPTION
The IR3082 Control IC combined with an IR XPhase
TM Phase IC provides a full featured and flexible way
to implement a complete Opteron or Athlon64 power solution. The “Control” IC provides overall system
control and interfaces with any number of “Phase ICs” which each drive and monitor a single phase of a
multiphase converter. With simple 5 bit voltage programming and a few external components, the IR3082
is also well suited for general purpose multiphase applications. The XPhase
TM architecture results in a
power supply that is smaller, less expensive, and easier to design while providing higher efficiency than
conventional approaches.
FEATURES
•
5 bit VID with 1% overall system set point accuracy
•
Programmable Dynamic VID Slew Rate
•
+/-300mV Differential Remote Sense
•
Programmable 150kHz to 1MHz oscillator
•
Programmable VID Offset and Load Line output impedance
•
Programmable Softstart
•
Programmable Hiccup Over-Current Protection with Delay to prevent false triggering
•
Simplified Power Good output provides indication of proper operation and avoids false triggering
•
Operates from 12V input with 9.75V Under-Voltage Lockout
•
7.0V/5mA Bias Regulator provides System Reference Voltage
•
Small thermally enhanced 20L MLPQ package
APPLICATION CIRCUIT
5 Wire Analog Bus
(to PHASE ICs)
VSS SENSE
VCC SENSE
POWER GOOD
10
C
S
S
/D
E
L
0.1uF
ROCSET
R
O
S
C
RVFB
0.1uF
RVDRP
ENABLE
IR3082
CONTROL
IC
VID0
1
VID1
2
VID2
3
VID3
4
VID4
5
P
W
R
G
D
1
9
V
O
S
N
S
-
6
V
D
A
C
8
S
S
/D
E
L
1
8
R
O
S
C
7
E
N
A
B
L
E
2
0
R
M
P
O
U
T
1
7
L
G
N
D
1
6
VCC
15
VBIAS
14
EAOUT
13
FB
12
VDRP
11
II
N
1
0
O
C
S
E
T
9
CVDAC
VID3
VID4
VID0
VID2
VID1
12V
RVDAC


Similar Part No. - IR3082

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3082MPBF IRF-IR3082MPBF Datasheet
1Mb / 33P
XPHASETM AMD OPTERONTM/ATHLON 64TM CONTROL IC
01/31/05
IR3082PBF IRF-IR3082PBF Datasheet
1Mb / 33P
XPHASETM AMD OPTERONTM/ATHLON 64TM CONTROL IC
01/31/05
More results

Similar Description - IR3082

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3093M IRF-IR3093M Datasheet
693Kb / 39P
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3081 IRF-IR3081 Datasheet
396Kb / 20P
XPHASE VR 10.0 CONTROL IC
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
AMD ATHLON VID/FID INTERFACE
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP Datasheet
186Kb / 24P
AMD Athlon 64 Processor Power and Thermal Data Sheet
ADA3200AEP5AP AMD-ADA3200AEP5AP_06 Datasheet
738Kb / 95P
AMD Athlon??64 Processor Power and Thermal Data Sheet
logo
International Rectifier
IR3084U IRF-IR3084U Datasheet
723Kb / 47P
XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
Mobile AMD Athlon??VRM Controller
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com