Electronic Components Datasheet Search
  English  ▼

X  

LTC5100EUF Datasheet(PDF) 24 Page - Linear Technology

Part # LTC5100EUF
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100EUF Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC5100EUF Datasheet HTML 20Page - Linear Technology LTC5100EUF Datasheet HTML 21Page - Linear Technology LTC5100EUF Datasheet HTML 22Page - Linear Technology LTC5100EUF Datasheet HTML 23Page - Linear Technology LTC5100EUF Datasheet HTML 24Page - Linear Technology LTC5100EUF Datasheet HTML 25Page - Linear Technology LTC5100EUF Datasheet HTML 26Page - Linear Technology LTC5100EUF Datasheet HTML 27Page - Linear Technology LTC5100EUF Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
LTC5100
24
sn5100 5100fs
The SRC pin current range, Is_rng, should be chosen so
that the SRC pin can supply the required bias current over
temperature. See the section titled Range Selection for the
Source and Modulation Currents.
Servo Control
The average optical power is controlled by a digital servo
loop shown in the upper half of Figure 3. The loop sets and
controls the
logarithm of the monitor diode current. The
logarithm of the nominal monitor diode current, Imd_nom,
is multiplied by a temperature compensation factor, pro-
ducing a 10-bit digital set point value, Imd_set. Imd_set is
therefore the temperature compensated
logarithm of the
target value for monitor diode current. The ADC digitizes
the logarithm of the monitor diode current, producing a
10-bit value called Imd_adc. The difference between the
target value and the actual value produces the servo loop
error signal, Imd_error. Imd_error is multiplied by a
constant, Apc_gain, to set the loop gain. Imd_error is also
multiplied by the set point value of the modulation current
to further stabilize the servo dynamics, as explained
below. The result is integrated in a digital accumulator and
applied to a 10-bit DAC, increasing or decreasing the SRC
pin current (and consequently the laser bias current) as
required to drive the loop error to zero. The servo loop
adjusts the laser bias current every four milliseconds,
producing 250 servo iterations per second.
The open-loop gain of the APC loop is proportional to the
laser slope efficiency,
η (Watts/Amp), and monitor diode
response,
γ (Amps/Watt). These parameters vary widely
from laser to laser. If nothing is done to compensate the
variations in
η and γ, the settling time of the optical power
output will vary over an unacceptably wide range. For
example, a 4:1 variation in slope efficiency and a 5:1
variation in monitor diode response could create a 20:1
variation in settling time.
The LTC5100 uses two techniques to fully compensate for
variations in the laser and monitor diode characteristics,
achieving constant settling times under all conditions.
First, taking the logarithm of the monitor diode current
precisely compensates variations in the monitor diode
response. Second, multiplying the error signal by the
modulation current precisely compensates for variations
in laser slope efficiency.
The difference equation for the APC loop is:
Im_
Im _
• Im _
(
)
Im _
• Im _
– Im _
adc
d adc
A
d error
d adc
A
d set
d adc
nn
nn
=+
=+
()
−
−−
1
11
19
where A is the small-signal loop gain, given by:
A
Apc_gain
32
=
+
+
+
+
•
_
Im_
•
ln( )
()
•
–
•
1
1
1
8
20
1
1
Is rng
rng
ER
ER
RR
R
TLD
T
where:
ln(8) = 2.079 is the natural logarithm of 8
ER is the extinction ratio
RT is the termination resistance
RLD is the dynamic resistance of the laser diode
Apc_gain is a 5-bit digital value, so the scaling factor,
Apc_gain/32, takes on the discrete values 0, 1/32, 2/32,
…, 31/32.
In practice, the extinction ratio is usually high (ER >> 1),
and RT ~ RLD, so Equation 20 simplifies to:
A
Apc gain
Is rng
rng
≈
+
+
_
•
_
Im_
32
1
1
(21)
OPERATIO
Figure 24. Operating Ranges for the Monitor Diode Current
0
34
Imd_rng = 0
5100 F24
7
136
544
2176
Imd_rng = 1
RECOMMENDED
MINIMUM IS 20%
OF FULL SCALE
IMD (µA) (LOG SCALE)
Imd_rng = 2
Imd_rng = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com