Electronic Components Datasheet Search
  English  ▼

X  

LTC5100EUF Datasheet(PDF) 36 Page - Linear Technology

Part # LTC5100EUF
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100EUF Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC5100EUF Datasheet HTML 32Page - Linear Technology LTC5100EUF Datasheet HTML 33Page - Linear Technology LTC5100EUF Datasheet HTML 34Page - Linear Technology LTC5100EUF Datasheet HTML 35Page - Linear Technology LTC5100EUF Datasheet HTML 36Page - Linear Technology LTC5100EUF Datasheet HTML 37Page - Linear Technology LTC5100EUF Datasheet HTML 38Page - Linear Technology LTC5100EUF Datasheet HTML 39Page - Linear Technology LTC5100EUF Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
LTC5100
36
sn5100 5100fs
REGISTER DEFI ITIO S
Table 9. Register: LOOP_GAIN—Control Loop Gain (I2C Command Code 0x1E)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:8
.Ib_gain
7
0
Bias Current or APC Loop Gain
(.Apc_gain in APC
6
0
This Bit Field Modifies the Open-Loop Gain of the Bias Current Servo Control Loop. The Effect of This
Mode)
51
Bit Field Differs in Constant Current Control (CCC) Mode and in Automatic Power Control (APC) Mode.
40
In CCC Mode, This Bit Field is Called lb_gain. In APC Mode, This Bit Field is Called Apc_gain.
30
Constant Current Control (CCC) Mode (Apc_en = 0): The Loop Gain and Settling Time are Independent
of Is_rng. The Default Value of Ib_gain Yields Stable but Slow Settling of the Laser Bias Current for
Any Value of Is_rng.
Automatic Power Control (APC) Mode (Apc_en = 1): The Open-Loop Gain of the Bias Current Servo
Loop Depends on the Value of Is_rng. The Default Value of Apc_gain Yields Stable but Potentially Slow
Settling of the Laser Bias Current for any Value of Is_rng.
Im_gain
2
0
Modulation Current Loop Gain
1
0
This Bit Field Modifies the Open-Loop Gain of the Modulation Current Servo Loop. The Open-Loop.
01
Gain is Approximately Im_gain/32. The Loop Gain and Settling Time are Independent of Im_rng. The
Default Value of Im_gain Yields Stable but Slow Settling of the Laser Modulation Current.
Table 10. Register: PEAKING—High Speed Modulation Peaking (I2C Command Code 0x1F)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:5
.Peaking
4
1
Peaking Control for the Modulation Output
3
0
This Bit Field Controls the High Speed Peaking of the Modulation Output. Decreasing the Value of
20
Peaking Increases the Undershoot on the Falling Edge of the Modulation Signal. The Peaking Control
10
can be Used to Compensate for Slow Laser Turn-Off Characteristics.
00
Table 11. Register: Reserved—Reserved for Internal Use. This Register is for Test Puposes Only. Do Not Write to this Register
(I2C Command Code 0x08)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:7
.Reserved
6
1
Reserved for Internal Use, Do Not Write.
50
40
30
.Reserved
2
1
Reserved for Internal Use, Do Not Write.
10
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com