Electronic Components Datasheet Search
  English  ▼

X  

LTC5100EUF Datasheet(PDF) 50 Page - Linear Technology

Part # LTC5100EUF
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100EUF Datasheet(HTML) 50 Page - Linear Technology

Back Button LTC5100EUF Datasheet HTML 44Page - Linear Technology LTC5100EUF Datasheet HTML 45Page - Linear Technology LTC5100EUF Datasheet HTML 46Page - Linear Technology LTC5100EUF Datasheet HTML 47Page - Linear Technology LTC5100EUF Datasheet HTML 48Page - Linear Technology LTC5100EUF Datasheet HTML 49Page - Linear Technology LTC5100EUF Datasheet HTML 50Page - Linear Technology LTC5100EUF Datasheet HTML 51Page - Linear Technology LTC5100EUF Datasheet HTML 52Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
LTC5100
50
sn5100 5100fs
The laser’s monitor diode (if needed) can be attached to
either pin of 2-pin header H2 (labeled MD) or to the test
turret labeled MD. H2 is a 2mm, 2-pin header with 0.5mm
square pins.
The demo board includes an EEPROM that provides non-
volatile storage for the LTC5100’s configuration settings
and parameters. For example, the EEPROM stores param-
eters for the laser bias and modulation levels as well as
temperature coefficients and fault detection modes. The
LTC5100 transfers the data in the EEPROM to its internal
registers at power up. The LTC5100 is designed for hot
plugging and can be configured to load the EEPROM and
enable the transmitter as soon as power is applied. Be
APPLICATIO S I FOR ATIO
careful with this mode of operation! It is possible to
leave the EEPROM in a state that automatically turns the
laser on at power up.
The LTC5100’s FAULT output is available at the test turret
labeled “FAULT.” The FAULT pin can be software config-
ured with several output pull-up options, including open
drain.
The demo board has three jumpers for enabling the
transmitter, observing the electrical eye diagram, and
measuring the LTC5100’s power supply current. Details of
the use of these jumpers are given in the DC499 demo
manual.
9
10
11
12
4
50
Ω
FAULT
J1
SMA
J2
SMA
IN –
IN+
3
2
1
13
14
15
16
8
7
6
5
U1
LTC5100
U2
24LC00 EEPROM
5-LEAD SOT23 PACKAGE
128 BITS
50
Ω
R1
49.9
Ω
C2
10nF
(OPTIONAL)
1
1
JP2
ELEC
EYE
REMOVE JUMPER
BEFORE ATTACHING
A LASER DIODE!
TERMINATION
RESISTOR
50
Ω
VDD
C3
10nF
C1
10nF
J3
SMA
SCL
GND
SDA
SCL
GND
SDA
H3
GND
MD
SRC
EN
5V
P1
SDA
SCL
GND1
GND2
5V
GND
P2
JP1
ENABLE
TRANS
12
H2
MD
12
–
+
R5
22.1k
C7
0.1
µF
2
4
3
5
U4
LT1812
1
1.8V
V+
VOUT
V–
R4
10
Ω
R3
26.7k
C5
10
µF
D3
R2
22.1k
JP3
3A SCHOTTKY
IDD
12
C4
10
µF
NC
U3
LT1762EMS8-3.3
VCC
5V
±5%
150mA MAX
OUT
SENSE
BYP
GND
1
2
3
4
8
7
6
5
IN
NC
NC
SHDN
VDD2
VDD1
D2
3A SCHOTTKY
C6
10
µF
LTC5100 CORE
APPLICATIONS CIRCUIT
5100 F33
L1
BLM15AG121PN1D
3.3V
5V
VSS
IN+
IN –
VSS
VSS
MODA
MODB
VSS
GND
+
+
+
Figure 33. Schematic Diagram of the DC499 Demo Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com