Electronic Components Datasheet Search
  English  ▼

X  

LTC5100EUF Datasheet(PDF) 32 Page - Linear Technology

Part # LTC5100EUF
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100EUF Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC5100EUF Datasheet HTML 28Page - Linear Technology LTC5100EUF Datasheet HTML 29Page - Linear Technology LTC5100EUF Datasheet HTML 30Page - Linear Technology LTC5100EUF Datasheet HTML 31Page - Linear Technology LTC5100EUF Datasheet HTML 32Page - Linear Technology LTC5100EUF Datasheet HTML 33Page - Linear Technology LTC5100EUF Datasheet HTML 34Page - Linear Technology LTC5100EUF Datasheet HTML 35Page - Linear Technology LTC5100EUF Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
LTC5100
32
sn5100 5100fs
Standalone Operation
On power-up the LTC5100 becomes an I2C bus master
and attempts to load its configuration data from an exter-
nal EEPROM. If an EEPROM responds, the LTC5100 reads
16-bytes of data and transfers this data to the internal
register set. When a 16-byte transfer is completed without
error, the LTC5100 becomes ready to enable the transmit-
ter and begin driving the laser. If a bus error occurs during
this transfer, the load sequence is aborted and a
Mem_load_error is generated, preventing the transmitter
from being enabled until a successful memory load at-
tempt is completed or until an external agent sets the
Operating_mode bit. Every 64ms another attempt is made
to load the EEPROM until the memory is read or until
Operating_mode = 1. Table 5 shows the memory map for
the EEPROM.
The LTC5100 generates I2C address 0xAE (1010_1110
binary) when accessing the EEPROM, making it compat-
ible with a wide range of EEPROM sizes. Table 6 details
how the LTC5100 interacts with EEPROMs from 128 bits
to 16k bits and from where it gets its data.
The LTC5100 supports hot plugging in standalone mode.
If the Soft_en bit is set in the EEPROM and the EN pin is
active, the LTC5100 loads its configuration data from the
EEPROM and immediately enables the transmitter. The
transmitter is typically enabled and settled within the
300ms t_init period required by the GBIC specification.
OPERATIO
Table 5. EEPROM Memory Map
BIT
BYTE 7
6
5
4
3
2
1
0
15
Reserved
Peaking (4:0)
14
Ib_gain(4:0)/Apc_gain(4:0)
Im_gain(2:0)
13
Reserved
Imd_rng(1:0)
T_nom(9:8)
12
T_nom(7:0)
11
Im_tc2(7:0)
10
Im_tc1(7:0)
9
Reserved
Im_rng(1:0)
Im_nom(9:8)
8
Im_nom(7:0)
7
Ib_tc2(7:0)/Imd_tc2(7:0)
6
Ib_tc1(7:0)/Imd_tc2(7:0)
5
Reserved
Is_rng(1:0)
Ib_nom(9:8)/Imd_nom (9:8)
4
Ib_nom(7:0)/Imd_nom(7:0)
3
Reserved
Rep_flt_inhibit Rapid_restart_en Flt_drv_mode
2
Lpc_en
Auto_shutdn_en Flt_pin_polarity Flt_pin_override Force_flt
Over_pwr_en
Under_pwr_en Over_current_en
1
Reserved
Ib_limit
0
Cml_en
Md_polarity
Ext_temp_en
Power_down_en Apc_en
En_polarity
Soft_en
Operating_mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com