Electronic Components Datasheet Search
  English  ▼

X  

S93WD462 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # S93WD462
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD462 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button S93WD462 Datasheet HTML 2Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 3Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 4Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 5Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 9Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
S93WD462/S93WD463
2029
2.2 1/23/01
SUMMIT MICROELECTRONICS, Inc.
Figure 7. WRAL Instruction Timing
INSTRUCTION SET
Instruction
Start
Opcode
Address
Data
Comments
Bit
x8
x16
x8
x16
READ
1
10
A6–A0
A5–A0
Read Address AN–A0
ERASE
1
11
A6–A0
A5–A0
Clear Address AN–A0
WRITE
1
01
A6–A0
A5–A0
D7–D0
D15–D0
Write Address AN–A0
EWEN
1
00
11xxxxx
11xxxx
Write Enable
EWDS
1
00
00xxxxx
00xxxx
Write Disable
ERAL
1
00
10xxxxx
10xxxx
Clear All Addresses
WRAL
1
00
01xxxxx
01xxxx
D7–D0
D15–D0
Write All Addresses
2029 PGM T5.0
Figure 6. ERAL Instruction Timing
SK
2029 ILL 8.0
CS
DI
DO
tCS
HIGH-Z
HIGH-Z
10
1
BUSY
READY
STATUS VERIFY
tSV
tHZ
t EW
00
STANDBY
SK
2029 ILL 10.0
CS
DI
DO
tCS
HIGH-Z
10
1
BUSY
READY
STATUS VERIFY
tSV
tHZ
t EW
0
0
STANDBY
D O
D N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com