Electronic Components Datasheet Search
  English  ▼

X  

S93WD462 Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # S93WD462
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD462 Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button S93WD462 Datasheet HTML 4Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 5Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 9Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 10Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 11Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
S93WD462/S93WD463
2029
2.2 1/23/01
SUMMIT MICROELECTRONICS, Inc.
Limits
VCC=2.7V-4.5V VCC=4.5V-5.5V
Test
SYMBOL PARAMETER
Min.
Max.
Min.
Max.
UNITS
Conditions
tCSS
CS Setup Time
100
50
ns
tCSH
CS Hold Time
0
0
ns
VIL = 0.45V
tDIS
DI Setup Time
200
100
ns
VIH = 2.4V
tDIH
DI Hold Time
200
100
ns
CL = 100pF
tPD1
Output Delay to 1
0.5
0.25
µs
VOL = 0.8V
tPD0
Output Delay to 0
0.5
0.25
µs
VOH = 2.0v
tHZ(1)
Output Delay to High-Z
200
100
ns
tEW
Program/Erase Pulse Width
10
10
ms
tCSMIN
Minimum CS Low Time
0.5
0.25
µs
tSKHI
Minimum SK High Time
0.5
0.25
µs
tSKLOW
Minimum SK Low Time
0.5
0.25
µs
tSV
Output Delay to Status Valid
0.5
0.25
µs
CL = 100pF
SKMAX
Maximum Clock Frequency
DC
500
DC
1000
KHZ
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
A.C. CHARACTERISTICS (over recommended operating conditions unless otherwise specified)
CL = 100pF
2029 PGM T6.0
PIN CAPACITANCE
Symbol
Test
Max.
Units
Conditions
COUT(1)
OUTPUT CAPACITANCE (DO)
5
pF
VOUT=OV
CIN(1)
INPUT CAPACITANCE (CS, SK, DI, ORG)
5
pF
VIN=OV
2029 PGM T4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com