Electronic Components Datasheet Search
  English  ▼

X  

S93WD462 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # S93WD462
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD462 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button S93WD462 Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 9Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 10Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 11Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 12Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 13Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 14Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
S93WD462/S93WD463
2029
2.2 1/23/01
SUMMIT MICROELECTRONICS, Inc.
Frequently the reset controller will be deployed on a PC board that provides a peripheral function to a system.
Examples might be modem or network cards in a PC or a PCMCIA card in a laptop. In instances like this the peripheral
card may have a requirement for a clean reset function to insure proper operation. The system may or may not provide
a reset pulse of sufficient duration to clear the peripheral or to protect data stored in a nonvolatile memory.
The I/O capability of the RESET pins can provide a solution. The system’s reset signal to the peripheral can be fed
into the S93WD462/WD463 and it in turn can clean up the signal and provide a known entity to the peripheral’s circuits.
The figure below shows the basic timing characteristics under the assumption the reset input is shorter in duration
than tPURST. The same reset output affect can be attained by using the active high reset input.
When planning your resistor pull-up and pull-down values, use the following chart to help determine min. resistances.
Condition
Min
Typ
Max
Units
VCC = 1.0V, IOL=100µA
0.3
V
VCC = 1.2V, IOL=100µA
0.3
V
VCC = 3.0V, IOL=500µA
0.3
V
VCC = 3.6V, IOL=500µA
0.3
V
VCC = 4.5V, IOL=750µA
0.3
V
VCC = 1.0V, IOL=100µA
0.4
V
VCC = 1.2V, IOL=150µA
0.4
V
VCC = 3.0V, IOL=750µA
0.4
V
VCC = 3.6V, IOL=1mA
0.4
V
VCC = 4.5V, IOL=1mA
0.4
V
VCC = 1.0V, IOH=400µA
VCC-0.75
V
VCC = 1.2V, IOH=800µA
VCC-0.75
V
VCC = 3.0V, IOH=800µA
VCC-0.5
V
VCC = 3.6V, IOH=800µA
VCC-0.5
V
VCC = 4.5V, IOH=800µA
VCC-0.5
V
Worst Case RESET Sink/Source Capabilities at Various VCC Levels
Parameter
Symbol
RESET# Output
VOL
Voltage
RESET# Output
VOL
Voltage
RESET Output
VOH
Voltage
2029 PGM T5.0
RESET#
Input
RESET#
Output
RESET
Output
2029 T fig09 2.0
t PURST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com