Electronic Components Datasheet Search
  English  ▼

X  

L20G20IS Datasheet(PDF) 7 Page - STMicroelectronics

Part # L20G20IS
Description  Ultra-compact two-axis gyroscope for optical image stabilization
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L20G20IS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L20G20IS Datasheet HTML 3Page - STMicroelectronics L20G20IS Datasheet HTML 4Page - STMicroelectronics L20G20IS Datasheet HTML 5Page - STMicroelectronics L20G20IS Datasheet HTML 6Page - STMicroelectronics L20G20IS Datasheet HTML 7Page - STMicroelectronics L20G20IS Datasheet HTML 8Page - STMicroelectronics L20G20IS Datasheet HTML 9Page - STMicroelectronics L20G20IS Datasheet HTML 10Page - STMicroelectronics L20G20IS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DocID029474 Rev 2
7/29
L20G20IS
Block diagram and pin description
29
1.2
Pin description
Figure 2. Pin connections
1. Leave pin electrically unconnected and soldered to PCB.
Table 2. Pin description
Pin #
Pin name
Function
1
VDDIO
Power supply for I/O pins
2
SCL
Clock line for SPI interface
3
SDI/SDO
Serial data input (SDI) 3-wire interface serial data output (SDO)
4
SDO
Serial data output (SDO)
5
CS
Chip-select line
6
DRDY
Data ready signal
7
RES(1)
1. Leave pin electrically unconnected and soldered to PCB.
Leave unconnected
8
RES
Connect to GND
9
RES
Connect to GND
10
GND
0 V power supply
11
REG
Capacitance connection pin for internal regulator
12
VDD
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com