Electronic Components Datasheet Search
  English  ▼

X  

L20G20IS Datasheet(PDF) 3 Page - STMicroelectronics

Part # L20G20IS
Description  Ultra-compact two-axis gyroscope for optical image stabilization
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L20G20IS Datasheet(HTML) 3 Page - STMicroelectronics

  L20G20IS Datasheet HTML 1Page - STMicroelectronics L20G20IS Datasheet HTML 2Page - STMicroelectronics L20G20IS Datasheet HTML 3Page - STMicroelectronics L20G20IS Datasheet HTML 4Page - STMicroelectronics L20G20IS Datasheet HTML 5Page - STMicroelectronics L20G20IS Datasheet HTML 6Page - STMicroelectronics L20G20IS Datasheet HTML 7Page - STMicroelectronics L20G20IS Datasheet HTML 8Page - STMicroelectronics L20G20IS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
DocID029474 Rev 2
3/29
L20G20IS
Contents
29
8.4
OUT_Y_L (05h R), OUT_Y_H (06h R) . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
8.5
DATA_STATUS_OIS (0Ah R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
8.6
CTRL1_OIS (0Bh R/W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
8.7
CTRL2_OIS (0Ch R/W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
8.8
CTRL3_OIS (0Dh R/W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
8.9
CTRL4_OIS (0Eh R/W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
8.10
OFF_X (0Fh R/W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
8.11
OFF_Y (10h R/W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.12
OIS_CFG_REG (1Fh R/W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
9
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
9.1
Soldering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
9.2
LGA-12 package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
9.3
LGA-12 packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com