Electronic Components Datasheet Search
  English  ▼

X  

L20G20IS Datasheet(PDF) 1 Page - STMicroelectronics

Part # L20G20IS
Description  Ultra-compact two-axis gyroscope for optical image stabilization
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L20G20IS Datasheet(HTML) 1 Page - STMicroelectronics

  L20G20IS Datasheet HTML 1Page - STMicroelectronics L20G20IS Datasheet HTML 2Page - STMicroelectronics L20G20IS Datasheet HTML 3Page - STMicroelectronics L20G20IS Datasheet HTML 4Page - STMicroelectronics L20G20IS Datasheet HTML 5Page - STMicroelectronics L20G20IS Datasheet HTML 6Page - STMicroelectronics L20G20IS Datasheet HTML 7Page - STMicroelectronics L20G20IS Datasheet HTML 8Page - STMicroelectronics L20G20IS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
This is information on a product in full production.
July 2017
DocID029474 Rev 2
1/29
L20G20IS
Ultra-compact two-axis gyroscope for optical image stabilization
Datasheet
- production data
Features
 ±100 dps / ±200 dps full-scale range
 5 degree phase delay
 3.8 mdps/√(Hz) rate noise density
 Wide supply voltage range: 1.7 V to 3.6 V
 Low-voltage compatible IOs
 3- and 4-wire SPI digital interface
 Embedded temperature sensor
 Embedded self-test
 Integrated low-pass filters with user-selectable
bandwidth
 Power-down and sleep modes for smart power
saving
 ECOPACK®, RoHS and “Green” compliant
Applications
 Optical image stabilization
Description
The L20G20IS is a two-axis MEMS gyroscope for
optical image stabilization applications.
It includes a sensing element and an IC interface
capable of providing the measured angular rate to
the application through an SPI digital interface.
The unique sensing element is manufactured
using a dedicated micromachining process
developed by STMicroelectronics to produce
inertial sensors and actuators on silicon wafers.
The IC interface is manufactured using a CMOS
process that allows a high level of integration to
design a dedicated circuit which is trimmed to
better match the characteristics of the sensing
element.
The L20G20IS is available in a plastic land grid
array (LGA) package and can operate over a
temperature range of -40 °C to +85 °C.
LGA-12 (2.0 x 2.0 x 0.7 mm)
Table 1. Device summary
Order code
Temperature range (
C)
Package
Packing
L20G20IS
-40 to +85
(2.0 x 2.0 x 0.7) mm
Tray
L20G20ISTR
-40 to +85
(2.0 x 2.0 x 0.7) mm
Tape and reel
www.st.com


Similar Part No. - L20G20IS

ManufacturerPart #DatasheetDescription
logo
Powerbox
L20 POWERBOX-L20 Datasheet
646Kb / 1P
1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Rosenberger Hochfrequen...
L20-001-600 ROSENBERGER-L20-001-600 Datasheet
552Kb / 2P
TEST CABLE SET RPC-N 75 / RPC-N 75
logo
Turck, Inc.
L20-2AI-I-0/4....20M TURCK-L20-2AI-I-0/4....20M Datasheet
290Kb / 4P
BL20 electronic module 2 Analog Inputs for Current
2023-07-21
logo
Power-One
L20-7 POWER-ONE-L20-7 Datasheet
123Kb / 5P
Filter & Ring Core Chokes
logo
STMicroelectronics
L200 STMICROELECTRONICS-L200 Datasheet
165Kb / 12P
ADJUSTABLE VOLTAGE AND CURRENT REGULATOR
Jan-2000
More results

Similar Description - L20G20IS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
LC898119XC ONSEMI-LC898119XC Datasheet
63Kb / 5P
Optical Image Stabilization / Controller & Driver
March 2015 - Rev. 1
LC898121XA ONSEMI-LC898121XA Datasheet
111Kb / 6P
Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 2
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
logo
STMicroelectronics
L2G3IS STMICROELECTRONICS-L2G3IS Datasheet
696Kb / 26P
MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
05-Dec-2013
logo
ON Semiconductor
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com