Electronic Components Datasheet Search
  English  ▼

X  

AD9276 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9276
Description  Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9276 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9276 Datasheet HTML 2Page - Analog Devices AD9276 Datasheet HTML 3Page - Analog Devices AD9276 Datasheet HTML 4Page - Analog Devices AD9276 Datasheet HTML 5Page - Analog Devices AD9276 Datasheet HTML 6Page - Analog Devices AD9276 Datasheet HTML 7Page - Analog Devices AD9276 Datasheet HTML 8Page - Analog Devices AD9276 Datasheet HTML 9Page - Analog Devices AD9276 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
AD9276
Rev. 0 | Page 5 of 48
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Noise Figure
GAIN+ = 1.6 V, RS = 50 Ω
Active Termination Matched
Mode I/Mode II/Mode III
LNA gain = 15.6 dB, RFB = 200 Ω
8.0/7.7/7.6
dB
LNA gain = 17.9 dB, RFB = 250 Ω
6.6/6.2/6.1
dB
LNA gain = 21.3 dB, RFB = 350 Ω
4.7/4.5/4.4
dB
Unterminated
LNA gain = 15.6 dB, RFB = ∞
4.7
dB
LNA gain = 17.9 dB, RFB = ∞
3.7
dB
LNA gain = 21.3 dB, RFB = ∞
2.8
dB
Correlated Noise Ratio
No signal, correlated/uncorrelated
−30
dB
Output Offset
−35
+35
LSB
Signal-to-Noise Ratio (SNR)
Mode I/Mode II/Mode III
fIN = 5 MHz at −10 dBFS, GAIN+ = 0 V
65/64/63
dBFS
fIN = 5 MHz at −1 dBFS, GAIN+ = 1.6 V
57/56/54.5
dBFS
Harmonic Distortion
Mode I/Mode II/Mode III
Second Harmonic
fIN = 5 MHz at −10 dBFS, GAIN+ = 0 V
−62/−58/−55
dBc
fIN = 5 MHz at −1 dBFS, GAIN+ = 1.6 V
−60/−61/−58
dBc
Third Harmonic
fIN = 5 MHz at −10 dBFS, GAIN+ = 0 V
−71/−60/−60
dBc
fIN = 5 MHz at −1 dBFS, GAIN+ = 1.6 V
−57/−55/−56
dBc
Two-Tone Intermodulation (IMD3)
fRF1 = 5.015 MHz, fRF2 = 5.020 MHz,
ARF1 = 0 dB, ARF2 = −20 dB, GAIN+ = 1.6 V,
IMD3 relative to ARF2
−55
dBc
Channel-to-Channel Crosstalk
fIN = 5 MHz at −1 dBFS
−70
dB
Overrange condition2
−65
dB
Channel-to-Channel Delay
Variation
Full TGC path, fIN = 5 MHz, GAIN+ = 0 V to 1.6 V
0.3
Degrees
PGA Gain
Differential input to differential output
21/24/27/30
dB
GAIN ACCURACY
25°C
Gain Law Conformance Error
Mode I/Mode II/Mode III
0 < GAIN+ < 0.16 V
1.5
dB
0.16 V < GAIN+ < 1.44 V
−1.5/−1.5/
−1.6
+1.5/+1.5/
+1.6
dB
1.44 V < GAIN+ < 1.6 V
−1.5/−1.5/
−1.6
−2.5
+1.5/+1.5/
+1.6
dB
Linear Gain Error
GAIN+ = 0.8 V, normalized for ideal AAF loss
−1.5
+1.5
dB
Channel-to-Channel Matching
0.16 V < GAIN+ < 1.44 V
0.1
dB
GAIN CONTROL INTERFACE
Normal Operating Range
0
1.6
V
Gain Range
GAIN+ = 0 V to 1.6 V
−42
0
dB
Scale Factor
28.5
dB/V
Response Time
42 dB change
750
ns
GAIN+ Impedance
Single-ended
10
MΩ
GAIN− Impedance
Single-ended
70
kΩ
CW DOPPLER MODE
LO Frequency
fLO = f4LO/4
1
10
MHz
Phase Increment
Per channel
22.5
Degrees
Output DC Bias (Single-Ended)
CWI+, CWI−, CWQ+, CWQ−
1.5
V
Maximum Output Swing
Per CWI+, CWI−, CWQ+, CWQ−, per channel
enabled
±1.25
mA
Transconductance (Differential)
Demodulated IOUT/VIN, each I or Q output
LNA gain = 15.6 dB
1.8
mA/V
LNA gain = 17.9 dB
2.4
mA/V
LNA gain = 21.3 dB
3.5
mA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com