Electronic Components Datasheet Search
  English  ▼

X  

AD9276 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9276
Description  Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9276 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9276 Datasheet HTML 26Page - Analog Devices AD9276 Datasheet HTML 27Page - Analog Devices AD9276 Datasheet HTML 28Page - Analog Devices AD9276 Datasheet HTML 29Page - Analog Devices AD9276 Datasheet HTML 30Page - Analog Devices AD9276 Datasheet HTML 31Page - Analog Devices AD9276 Datasheet HTML 32Page - Analog Devices AD9276 Datasheet HTML 33Page - Analog Devices AD9276 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
AD9276
Rev. 0 | Page 29 of 48
TGC OPERATION
The TGC signal path is fully differential throughout to maxi-
mize signal swing and reduce even-order distortion; however,
the LNAs are designed to be driven from a single-ended signal
source. Gain values are referenced from the single-ended LNA
input to the differential ADC input. A simple exercise in under-
standing the maximum and minimum gain requirements is
shown in Figure 55.
The maximum gain required is determined by
(ADC Noise Floor/LNA Input Noise Floor) + Margin =
20 log(224/3.9) + 11 dB = 46 dB
The minimum gain required is determined by
(ADC Input FS/LNA Input FS) + Margin =
20 log(2/0.55) − 10 dB = 3 dB
Therefore, 42 dB of gain range for a 12-bit, 40 MSPS ADC with
15 MHz of bandwidth should suffice in achieving the dynamic
range required for most of today’s ultrasound systems.
The system gain is distributed as listed in Table 9.
Table 9. Channel Gain Distribution
Section
Nominal Gain (dB)
LNA
15.6/17.9/21.3
Attenuator
−42 to 0
VGA Amplifier
21/24/27/30
Filter
0
ADC
0
The linear-in-dB gain (law conformance) range of the TGC path
is 42 dB. The slope of the gain control interface is 28.5 dB/V,
and the gain control range is −0.8 V to +0.8 V. Equation 3 is the
expression for the differential voltage VGAIN, and Equation 4 is
the expression for the channel gain.
VGAIN (V) = (GAIN+) – (GAIN−)
(3)
Gain (dB) = 28.5 dB/V × VGAIN + ICPT
(4)
where ICPT is the intercept point of the TGC gain.
In its default condition, the LNA has a gain of 21.3 dB (12×), and
the VGA postamp gain is 24 dB if the voltage on the GAIN+ pin
is 0 V and the voltage on the GAIN− pin is 0.8 V (42 dB attenua-
tion). This results in a total gain (or ICPT) of 3.6 dB through
the TGC path if the LNA input is unmatched, or a total gain of
−2.4 dB if the LNA is matched to 50 Ω (RFB = 350 Ω). However,
if the voltage on the GAIN+ pin is 1.6 V and the voltage on the
GAIN− pin is 0.8 V (0 dB attenuation), the VGA gain is 24 dB.
This results in a total gain of 45 dB through the TGC path if the
LNA input is unmatched or in a total gain of 39 dB if the LNA
input is matched.
Each LNA output is dc-coupled to a VGA input. The VGA
consists of an attenuator with a range of −42 dB to 0 dB followed
by an amplifier with 21 dB/24 dB/27 dB/30 dB of gain. The
X-AMP gain interpolation technique results in low gain error
and uniform bandwidth, and differential signal paths minimize
distortion.
LNA FULL SCALE
(0.55V p-p SINGLE-ENDED)
LNA INPUT-REFERRED
NOISE FLOOR
(3.9µV rms) @ AAF BW = 15MHz
LNA + VGA NOISE = 1.0nV/ Hz
ADC FULL SCALE (2V p-p)
~10dB MARGIN
>11dB MARGIN
ADC NOISE FLOOR
(224µV rms)
MINIMUM GAIN
MAXIMUM GAIN
LNA
ADC
70dB
VGA GAIN RANGE > 42dB
MAX CHANNEL GAIN > 48dB
94dB
Figure 55. Gain Requirements of TGC Operation for a 12-Bit, 40 MSPS ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com