Electronic Components Datasheet Search
  English  ▼

X  

AD9276 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9276
Description  Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9276 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9276 Datasheet HTML 14Page - Analog Devices AD9276 Datasheet HTML 15Page - Analog Devices AD9276 Datasheet HTML 16Page - Analog Devices AD9276 Datasheet HTML 17Page - Analog Devices AD9276 Datasheet HTML 18Page - Analog Devices AD9276 Datasheet HTML 19Page - Analog Devices AD9276 Datasheet HTML 20Page - Analog Devices AD9276 Datasheet HTML 21Page - Analog Devices AD9276 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
AD9276
Rev. 0 | Page 17 of 48
CW DOPPLER MODE
fRF = 2.5 MHz at −3 dBFS, f4LO = 10 MHz, RS = 50 Ω, LNA gain = 21.3 dB, LNA bias = high, all CW channels enabled, phase rotation 0°.
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
100
1k
10k
BASEBAND FREQUENCY (Hz)
Figure 23. Quadrature Phase Error vs. Baseband Frequency
0.10
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
100
1k
10k
BASEBAND FREQUENCY (Hz)
Figure 24. Quadrature Amplitude Imbalance vs. Baseband Frequency
140
142
144
146
148
150
152
154
156
158
160
162
164
166
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
INPUT LEVEL (dBFS)
1kHz OFFSET
5kHz OFFSET
Figure 25. Output-Referred SNR vs. Input Level
175
170
165
160
155
150
145
0
1000 2000 3000 4000 5000 6000 7000 8000 9000 10,000
BASEBAND FREQUENCY (Hz)
CH A + B + C + D + E + F + G + H
CH A + B + C + D
CH A + B
CH A
Figure 26. Small-Signal Dynamic Range
12
10
8
6
4
2
0
0
1000 2000 3000 4000 5000 6000 7000 8000 9000 10,000
BASEBAND FREQUENCY (Hz)
Figure 27. Noise Figure vs. Baseband Frequency
130
135
140
145
150
155
160
165
0
1000 2000 3000 4000 5000 6000 7000 8000 9000 10,000
BASEBAND FREQUENCY (Hz)
Figure 28. Output-Referred SNR vs. Baseband Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com