Electronic Components Datasheet Search
  English  ▼

X  

AD9276 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9276
Description  Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9276 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9276 Datasheet HTML 7Page - Analog Devices AD9276 Datasheet HTML 8Page - Analog Devices AD9276 Datasheet HTML 9Page - Analog Devices AD9276 Datasheet HTML 10Page - Analog Devices AD9276 Datasheet HTML 11Page - Analog Devices AD9276 Datasheet HTML 12Page - Analog Devices AD9276 Datasheet HTML 13Page - Analog Devices AD9276 Datasheet HTML 14Page - Analog Devices AD9276 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
AD9276
Rev. 0 | Page 10 of 48
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
AVDD1 to GND
−0.3 V to +2.0 V
AVDD2 to GND
−0.3 V to +3.9 V
DRVDD to GND
−0.3 V to +2.0 V
GND to GND
−0.3 V to +0.3 V
AVDD2 to AVDD1
−2.0 V to +3.9 V
AVDD1 to DRVDD
−2.0 V to +2.0 V
AVDD2 to DRVDD
−2.0 V to +3.9 V
Digital Outputs (DOUTx+, DOUTx−,
DCO+, DCO−, FCO+, FCO−) to GND
−0.3 V to +2.0 V
CLK+, CLK−, SDIO to GND
−0.3 V to +2.0 V
LI-x, LO-x, LOSW-x to GND
−0.3 V to +3.9 V
CWI−, CWI+, CWQ−, CWQ+ to GND
−0.3 V to +3.9 V
PDWN, STBY, SCLK, CSB to GND
−0.3 V to +2.0 V
GAIN+, GAIN−, RESET, 4LO+, 4LO−,
GPO0, GPO1, GPO2, GPO3 to GND
−0.3 V to +3.9 V
RBIAS, VREF to GND
−0.3 V to +2.0 V
Operating Temperature Range (Ambient)
−40°C to +85°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL IMPEDANCE
Table 5.
Airflow Velocity (m/s)
θJA1
θJB
θJC
Unit
0.0
20.3
°C/W
1.0
14.4
7.6
4.7
°C/W
2.5
12.9
°C/W
1 θJA for a 4-layer PCB with solid ground plane (simulated). Exposed pad
soldered to PCB.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com