Electronic Components Datasheet Search
  English  ▼

X  

AD9278 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9278
Description  Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9278 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9278 Datasheet HTML 14Page - Analog Devices AD9278 Datasheet HTML 15Page - Analog Devices AD9278 Datasheet HTML 16Page - Analog Devices AD9278 Datasheet HTML 17Page - Analog Devices AD9278 Datasheet HTML 18Page - Analog Devices AD9278 Datasheet HTML 19Page - Analog Devices AD9278 Datasheet HTML 20Page - Analog Devices AD9278 Datasheet HTML 21Page - Analog Devices AD9278 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Data Sheet
AD9278
Rev. A | Page 17 of 44
EQUIVALENT CIRCUITS
LI-x,
LG-x
AVDD2
15kΩ
VCM
Figure 22. Equivalent LNA Input Circuit (VCM = Common-Mode Voltage)
LO-x,
LOSW-x
10Ω
AVDD2
AVDD2
Figure 23. Equivalent LNA Output Circuit
350Ω
10kΩ
10kΩ
CLK–
350Ω
1.25V
CLK+
AVDD1
AVDD1
Figure 24. Equivalent Clock Input Circuit
350Ω
10kΩ
10kΩ
4LO–
350Ω
1.25V
4LO+
AVDD2
AVDD2
Figure 25. Equivalent 4LO Input Circuit
SDIO
350Ω
30kΩ
AVDD1
Figure 26. Equivalent SDIO Input Circuit
DRVDD
GND
DRVDD
DOUTx–
DOUTx+
V
V
V
V
DRVDD
Figure 27. Equivalent Digital Output Circuit
SCLK,
PDWN,
OR STBY
30kΩ
350Ω
AVDD1
Figure 28. Equivalent SCLK, PDWN, or STBY Input Circuit
RESET
350Ω
AVDD2
Figure 29. Equivalent RESET Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com