Electronic Components Datasheet Search
  English  ▼

X  

AD9278 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9278
Description  Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9278 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9278 Datasheet HTML 19Page - Analog Devices AD9278 Datasheet HTML 20Page - Analog Devices AD9278 Datasheet HTML 21Page - Analog Devices AD9278 Datasheet HTML 22Page - Analog Devices AD9278 Datasheet HTML 23Page - Analog Devices AD9278 Datasheet HTML 24Page - Analog Devices AD9278 Datasheet HTML 25Page - Analog Devices AD9278 Datasheet HTML 26Page - Analog Devices AD9278 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
AD9278
Data Sheet
Rev. A | Page 22 of 44
Table 8. Sensitivity and Dynamic Range of Trade-Offs1, 2, 3
LNA
VGA
Channel
Gain
Full-Scale
Input (V p-p)
Input Noise
(nV/√Hz)
Postamp Gain (dB)
Typical Output Dynamic Range (dB)
(V/V)
(dB)
GAIN+ = 0 V4
GAIN+ = 1.6 V5
Input-Referred Noise6 at
GAIN+ = 1.6 V (nV/√Hz)
6
15.6
0.733
1.60
21
68.6
63.6
1.863
24
67.8
61.2
1.773
27
66.5
58.5
1.725
30
64.7
55.7
1.701
7.8
17.9
0.550
1.42
21
68.6
62.6
1.590
24
67.8
60.0
1.531
27
66.5
57.3
1.500
30
64.7
54.4
1.485
11.6
21.3
0.367
1.27
21
68.6
60.6
1.347
24
67.8
57.9
1.316
27
66.5
55.0
1.301
30
64.7
52.1
1.293
1
LNA: output full scale = 4.4 V p-p differential.
2
Filter: loss ~ 1 dB, NBW = 13.3 MHz, GAIN− = 0.8 V.
3
ADC: 40 MSPS, 70 dB SNR, 2 V p-p full-scale input.
4
Output dynamic range at minimum VGA gain (VGA dominated).
5
Output dynamic range at maximum VGA gain (LNA dominated).
6
Channel noise at maximum VGA gain.
Table 8 demonstrates the sensitivity and dynamic range of
trade-offs that can be achieved relative to various LNA and
VGA gain settings.
For example, when the VGA is set for the minimum gain voltage,
the TGC path is dominated by VGA noise and achieves the
maximum output SNR. However, as the postamp gain options
are increased, the input-referred noise is reduced and the SNR
is degraded.
If the VGA is set for the maximum gain voltage, the TGC path
is dominated by LNA noise and achieves the lowest input-
referred noise but with degraded output SNR. The higher the
TGC (LNA + VGC) gain, the lower the output SNR. As the
postamp gain is increased, the input-referred noise is reduced.
At low gains, the VGA should limit the system noise performance
(SNR); at high gains, the noise is defined by the source and the
LNA. The maximum voltage swing is bound by the full-scale
peak-to-peak ADC input voltage (2 V p-p).
Both the LNA and VGA have full-scale limitations within each
section of the TGC path. These limitations are dependent on the
gain setting of each function block and on the voltage applied to
the GAIN+ and GAIN− pins. The LNA has three limitations, or
full-scale settings, that can be applied through the SPI. Similarly,
the VGA has four postamp gain settings that can be applied
through the SPI. The voltage applied to the GAIN± pins
determines which amplifier (the LNA or VGA) saturates first.
The maximum signal input level prior to 0.1 dB compression on
the output of the LNA that can be applied as a function of
voltage on the GAIN± pins for the selectable gain options of the
SPI is shown in Figure 40 to Figure 42.
1.2
0.8
1.0
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
GAIN+ (V)
PGA GAIN = 21dB
PGA GAIN = 24dB
PGA GAIN = 27dB
PGA GAIN = 30dB
Figure 40. LNA with 15.6 dB Gain Setting/VGA Full-Scale Limitations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com