Electronic Components Datasheet Search
  English  ▼

X  

AD9674KBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9674KBCZ Datasheet HTML 32Page - Analog Devices AD9674KBCZ Datasheet HTML 33Page - Analog Devices AD9674KBCZ Datasheet HTML 34Page - Analog Devices AD9674KBCZ Datasheet HTML 35Page - Analog Devices AD9674KBCZ Datasheet HTML 36Page - Analog Devices AD9674KBCZ Datasheet HTML 37Page - Analog Devices AD9674KBCZ Datasheet HTML 38Page - Analog Devices AD9674KBCZ Datasheet HTML 39Page - Analog Devices AD9674KBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 35 of 47
DIGITAL BLOCK POWER SAVING SCHEME
To reduce power consumption in the digital block after the ADC,
the RF decimator and filter start in an idle state after running
the chip (Register 0x008, Bits[2:0] = 000). The digital block only
switches to a running state when the negative edge of the TX_TRIG
signal pulse is detected, or with a software TX_TRIG signal write
(Register 0x10C, Bit 5 = 1).
To put the digital block back into the idle state (while the rest of
the chip is still running) and save power, raise the TX_TRIG
signal high or write to the profile index (Register 0x10C, Bits[0:4]).
The digital block will also switch to the idle state if the power
stop expires when using the advanced power control feature.
Figure 52 illustrates the digital block power saving scheme.
CHIP IN POWER-DOWN,
STANDBY,
OR CW MODE
DIGITAL
DECIMATOR/FILTER
IDLE
DIGITAL
DECIMATOR/FILTER
RUNNING
RUN CHIP
NEGATIVE EDGE TX_TRIG
OR SOFTWARE TX_TRIG
TX_TRIG IS HIGH, PROFILE
INDEX WRITE, OR POWER
STOP EXPIRES
Figure 52. Digital Block Power Saving Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com