Electronic Components Datasheet Search
  English  ▼

X  

AD9674KBCZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9674KBCZ Datasheet HTML 33Page - Analog Devices AD9674KBCZ Datasheet HTML 34Page - Analog Devices AD9674KBCZ Datasheet HTML 35Page - Analog Devices AD9674KBCZ Datasheet HTML 36Page - Analog Devices AD9674KBCZ Datasheet HTML 37Page - Analog Devices AD9674KBCZ Datasheet HTML 38Page - Analog Devices AD9674KBCZ Datasheet HTML 39Page - Analog Devices AD9674KBCZ Datasheet HTML 40Page - Analog Devices AD9674KBCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 36 of 47
SERIAL PORT INTERFACE (SPI)
The AD9674 SPI allows the user to configure the signal chain for
specific functions or operations through the structured register
space provided inside the chip. The SPI offers the user added
flexibility and customization, depending on the application.
Addresses are accessed via the serial port and can be written to
or read from via the port. Memory is organized into bytes that
can be further divided into fields, as documented in the Memory
Map section. For detailed operational information, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI.
The SCLK, SDIO, and CSB pins define the SPI (see Table 22). The
SCLK (serial clock) pin synchronizes the read and write data
presented to the device. The SDIO pin is a dual-purpose pin that
allows data to be sent to and read from the internal memory map
registers of the device. The CSB pin is an active low control that
enables or disables the read and write cycles.
Table 22. Serial Port Pins
Pin
Function
SCLK
Serial clock. Serial shift clock input. SCLK is used to
synchronize serial interface reads and writes.
SDIO
Serial data input/output. Dual-purpose pin that
typically serves as an input or an output, depending
on the instruction sent and the relative position in
the timing frame.
CSB
Chip select bar (active low). This control gates the
read and write cycles.
The falling edge of CSB, in conjunction with the rising edge of
SCLK, determines the start of the framing sequence. During the
instruction phase, a 16-bit instruction is transmitted, followed
by one or more data bytes, which is determined by the W0 and
W1 bit fields. An example of the serial timing and definitions are
shown in Figure 54 and Table 23.
During normal operation, CSB signals to the AD9674 that SPI
commands must be received and processed. When CSB is
brought low, the device processes SCLK and SDIO to execute
instructions. Normally, CSB remains low until the communication
cycle is complete. However, if connected to a slow device, CSB
can be brought high between bytes, allowing older microcontrollers
enough time to transfer data into shift registers. CSB can be
stalled when transferring one, two, or three bytes of data. When
W0 and W1 are set to 11, the device enters streaming mode and
continues to process data, either reading or writing, until CSB is
taken high to end the communication cycle. This mode allows
complete memory transfers without the need for additional
instructions. Regardless of the mode, if CSB is taken high in the
middle of a byte transfer, the SPI state machine is reset, and the
device waits for a new instruction.
The SPI port can be configured to operate in different manners.
CSB can also be tied low to enable 2-wire mode. When CSB is
tied low, SCLK and SDIO are the only pins required for
communication.
Although the device is synchronized during power-up, caution
must be exercised when using 2-wire mode to ensure that the serial
port remains synchronized with the CSB line. When operating
in 2-wire mode, it is recommended that a 1-, 2-, or 3-byte transfer
be used exclusively. Without an active CSB line, streaming
mode can be entered but not exited.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to be used both to program the chip and to read
the contents of the on-chip memory. If the instruction is a read-
back operation, performing a readback causes the SDIO pin to
change direction from an input to an output at the appropriate
point in the serial frame.
Data can be sent in MSB first mode or LSB first mode. MSB
first mode is the default at power-up and can be changed by
adjusting the configuration register (Address 0x00). For more
information about this and other features, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI.
HARDWARE INTERFACE
The pins described in Table 22 constitute the physical interface
between the programming device and the serial port of the
AD9674. The SCLK and CSB pins function as inputs when
using the SPI. The SDIO pin is bidirectional, functioning as an
input during write phases and as an output during readback.
If multiple SDIO pins share a common connection, ensure that
proper VOH levels are met. Figure 53 shows the number of SDIO
pins that can be connected together and the resulting VOH levels,
assuming the same load for each AD9674.
NUMBER OF SDIO PINS CONNECTED TOGETHER
1.715
1.720
1.725
1.730
1.735
1.740
1.745
1.750
1.755
1.760
1.765
1.770
1.775
1.780
1.785
1.790
1.795
1.800
0
30
20
10
40
50
60
70
80
90
100
Figure 53. SDIO Pin Loading
This interface is flexible enough to be controlled either by
serial programmable read-only memories (PROMs) or by PIC
microcontrollers, which provide the user with an alternative to a
full SPI controller for programming the device (see the AN-812
Application Note, Microcontroller-Based Serial Port Interface (SPI®)
Boot Circuit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com