Electronic Components Datasheet Search
  English  ▼

X  

AD9675 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9675
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9675 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9675 Datasheet HTML 3Page - Analog Devices AD9675 Datasheet HTML 4Page - Analog Devices AD9675 Datasheet HTML 5Page - Analog Devices AD9675 Datasheet HTML 6Page - Analog Devices AD9675 Datasheet HTML 7Page - Analog Devices AD9675 Datasheet HTML 8Page - Analog Devices AD9675 Datasheet HTML 9Page - Analog Devices AD9675 Datasheet HTML 10Page - Analog Devices AD9675 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 6 of 60
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Close-In SNR
−3 dBFS input, fRF = 2.5 MHz, fLO = 40 MHz,
1 kHz offset, 16LO mode, one channel enabled
156
dBc/√Hz
−3 dBFS input, fRF = 2.5 MHz, fLO = 40 MHz,
1 kHz offset, 16LO mode, eight channels enabled
161
dBc/√Hz
Two-Tone Intermodulation
Distortion (IMD3)
fRF1 = 5.015 MHz, fRF2 = 5.020 MHz, fLO = 80 MHz,
ARF1 = −1 dBFS, ARF2 = −21 dBFS, IMD3 relative
to ARF2
−58
dBc
LO Harmonic Rejection
−20
dBc
Quadrature Phase Error
I to Q, all phases, 1 σ
0.15
Degrees
I/Q Amplitude Imbalance
I to Q, all phases, 1 σ
0.015
dB
Channel to Channel Matching
Phase I to I, Q to Q, 1 σ
0.5
Degrees
Amplitude I to I, Q to Q, 1 σ
0.25
dB
POWER SUPPLY
Mode I/Mode II/Mode III/Mode IV
AVDD1
1.7
1.8
1.9
V
AVDD2
2.85
3.0
3.6
V
DVDD
1.3
1.4
1.9
V
DRVDD
1.7
1.8
1.9
V
IAVDD1
TGC mode, low bandwidth mode
148/187/
223/291
mA
CW Doppler mode
4
mA
IAVDD2
TGC mode, no signal, low bandwidth mode
230
mA
TGC mode, no signal, high bandwidth mode
239
mA
CW Doppler mode
140
mA
IDVDD
29/46/40/61
mA
DVDD = 1.8 V
38/60/54/80
mA
IDRVDD
Four-lane mode, JESD204B lane rates =
1.6 Gbps/2.6 Gbps/1.6 Gbps/2.5 Gbps
121/168/
122/166
mA
Two-lane mode, JESD204B lane rates =
3.2 Gbps/5.0 Gbps/3.2 Gbps/5.0 Gbps
127/186/
129/184
mA
One-lane mode, RF decimator enabled,
JESD204B lane rates = 3.2 Gbps/5.0 Gbps/
not valid/not valid
73/105/not
valid/not valid
mA
Total Power Dissipation
(Including Output Drivers)
TGC mode, no signal, two-lane mode
1200/1415/
1365/1615
1445/1680/
1635/1910
mW
TGC mode, no signal, two-lane mode,
DVDD = 1.8 V
1230/1460/
1410/1675
mW
CW Doppler mode, eight channels enabled
500
mW
Power-Down Dissipation
5
30
mW
Standby Power Dissipation
725
mW
ADC
Resolution
14
Bits
SNR
75
dB
ADC REFERENCE
Output Voltage Error
VREF = 1 V
±50
mV
Load Regulation at 1.0 mA
VREF = 1 V
2
mV
Input Resistance
7.5
kΩ
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and information about how these tests were completed.
2 The overrange condition is specified as 6 dB more than the full-scale input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com