Electronic Components Datasheet Search
  English  ▼

X  

AD9675 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9675
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9675 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9675 Datasheet HTML 16Page - Analog Devices AD9675 Datasheet HTML 17Page - Analog Devices AD9675 Datasheet HTML 18Page - Analog Devices AD9675 Datasheet HTML 19Page - Analog Devices AD9675 Datasheet HTML 20Page - Analog Devices AD9675 Datasheet HTML 21Page - Analog Devices AD9675 Datasheet HTML 22Page - Analog Devices AD9675 Datasheet HTML 23Page - Analog Devices AD9675 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 19 of 60
Figure 27. LNA Input Impedance Magnitude and Phase, Unterminated
Figure 28. IMD3 vs. Channel Gain
Figure 29. IMD3 vs. ADC Output Level
Figure 30. Noise Figure vs. Frequency
RS = RIN = 100 Ω, LNA Gain = 17.9 dB, PGA Gain = 30 dB, VGAIN = 1.6 V
8
7
6
5
4
3
2
1
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
100k
1M
10M
100M
FREQUENCY (Hz)
FREQUENCY (Hz)
100k
1M
10M
100M
0
–100
15
50
CHANNEL GAIN (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
20
25
30
35
40
45
fIN1 = 2.3MHz
fIN2 = 2.31MHz
FUND1 LEVEL = –1dBFS
FUND2 LEVEL = –21dBFS
RS = 50Ω
RIN = 50Ω
RIN = 1000Ω
RIN = 300Ω
0
–120
–40
0
ADC OUTPUT LEVEL (dBFS)
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–35
–30
–25
–20
–15
–10
–5
VGAIN = +1.6V
VGAIN = 0V
VGAIN = –1.2V
fIN1 = 5.0MHz
fIN2 = 5.01MHz
FUND1 LEVEL = –1dBFS
FUND2 LEVEL = –21dBFS
7
1
020
FREQUENCY (MHz)
2
3
4
5
6
2468
10
12
14
16
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com