Electronic Components Datasheet Search
  English  ▼

X  

AD9675 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9675
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9675 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9675 Datasheet HTML 26Page - Analog Devices AD9675 Datasheet HTML 27Page - Analog Devices AD9675 Datasheet HTML 28Page - Analog Devices AD9675 Datasheet HTML 29Page - Analog Devices AD9675 Datasheet HTML 30Page - Analog Devices AD9675 Datasheet HTML 31Page - Analog Devices AD9675 Datasheet HTML 32Page - Analog Devices AD9675 Datasheet HTML 33Page - Analog Devices AD9675 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 29 of 60
digital, and clock sections of the PCB, optimum performance
can be easily achieved.
Advanced Power Control
For an ultrasound system, not all channels are needed during all
scanning periods. The POWER_START and POWER_STOP
values in the vector profile can be used to delay the channel
startup and turn the channel off after a certain number of samples.
These counters are relative to TX_TRIG±. The analog circuitry
needs to power up before the digital one and the advance time
(POWER_SETUP) for powering up the analog circuitry, before
POWER_START, is set up in Address 0x112 (see Table 31).
Figure 44. Power Sequencing
DIGITAL OUTPUTS AND TIMING
JESD204B Transmit Top Level Description
The AD9675 digital output complies with the JEDEC Standard
JESD204B, Serial Interface for Data Converters. JESD204B is a
protocol to link the AD9675 to a digital processing device over
a serial interface up to 5 Gbps link speeds. The benefits of the
JESD204B interface include a reduction in required board area
for data interface routing, and enables smaller packages for
converter and logic devices. The AD9675 supports single, dual,
or quad lane interfaces.
JESD204B Overview
The JESD204B data transmit block, as shown in Figure 45,
assembles the parallel channel data from the ADC or digital
processing block into frames and uses 8-bit/10-bit encoding as
well as optional scrambling to form serial output data. Lane
synchronization is supported through the use of special
characters during the initial establishment of the link, and
additional synchronization is embedded in the data stream
thereafter. A matching external receiver is required to lock onto
the serial data stream and recover the data and clock. For
additional details on the JESD204B interface, users are
encouraged to refer to the JESD204B standard.
The AD9675 JESD204B transmit block maps the eight channel
outputs over a link. A link can be configured to use either single,
dual, or quad serial differential outputs, which are called lanes.
The JESD204B specification refers to a number of parameters to
define the link, and these parameters must match between the
JESD204B transmitter (AD9675 output) and receiver.
The JESD204B link is described according to the parameters
listed in Table 14.
Table 14. JESD204B Parameters
Parameter
Description
AD9675 Value
S
Samples transmitted per single converter per frame cycle
1
M
Number of converters per converter device
8
L
Number of lanes per converter device
1, 2, or 4
N
Converter resolution
12, 14, or 16
N'
Total number of bits per sample
16
CF
Number of control words per frame clock cycle per
converter device
0
CS
Number of control bits per conversion sample
0
K
Number of frames per multiframe
Configurable on the AD9675
HD
High density mode
0
F
Octets per frame
4, 8, 16, or 32 (dependent on L = 4, 2, or 1, respectively)
C
Control bit
0
T
Tail bit
Available on the AD9675
SCR
Scrambler enable/disable
Configurable on the AD9675
FCHK
Checksum for the JESD204B parameters
Automatically calculated and stored in the register map
TX_TRIG±
POWER_STOP
(PROFILE SPECIFIC)
POWER_START
(PROFILE SPECIFIC)
POWER_SETUP
(SPI SET)
DIGITAL
POWER
ANALOG
POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com