Electronic Components Datasheet Search
  English  ▼

X  

ATPL00B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 5Page - ATMEL Corporation ATPL00B Datasheet HTML 6Page - ATMEL Corporation ATPL00B Datasheet HTML 7Page - ATMEL Corporation ATPL00B Datasheet HTML 8Page - ATMEL Corporation ATPL00B Datasheet HTML 9Page - ATMEL Corporation ATPL00B Datasheet HTML 10Page - ATMEL Corporation ATPL00B Datasheet HTML 11Page - ATMEL Corporation ATPL00B Datasheet HTML 12Page - ATMEL Corporation ATPL00B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
9
Table 2-1.
ATPL00B 144-Lead LQFP pinout (Continued)
PinNo
Pin Name
I/O
I(mA)
Res
HY
PinNo
Pin Name
I/O
I(mA)
Res
HY
77
INTC2
I
±5
-
-
112
NC
-
-
-
-
78
INTC1
I
±5
-
-
113
GND
P
-
-
-
79
INTC0
I
±5
-
-
114
DC_COMP
O
±10
-
-
80
NC
-
-
-
-
115
VCC
P
-
-
-
81
NC
-
-
-
-
116
ENABLE
O
±10
-
-
82
NC
-
-
-
-
117
GND
P
-
-
-
83
NC
-
-
-
-
118
DNIN
I
±5
-
-
84
NC
-
-
-
-
119
DIN
I
±5
-
-
85
NC
-
-
-
-
120
REC_1
O
±5
-
-
86
NC
-
-
-
-
121
REC_2
O
±5
-
-
87
NC
-
-
-
-
122
REC_3
O
±5
-
-
88
NC
-
-
-
-
123
REC_4
O
±5
-
-
89
VDD
P
-
-
-
124
REC_5
O
±5
-
-
90
VCC
P
-
-
-
125
REC_6
O
±5
-
-
91
GND
P
-
-
-
126
REC_7
O
±5
-
-
92
NC
-
-
-
-
127
REC_8
O
±5
-
-
93
NC
-
-
-
-
128
VCC
P
-
-
-
94
NC
-
-
-
-
129
GND
P
-
-
-
95
NC
-
-
-
-
130
VRL
I
(**)
-
-
96
NC
-
-
-
-
131
VIN
I
(**)
-
-
97
NC
-
-
-
-
132
VRH
I
(**)
-
-
98
NC
-
-
-
-
133
AVD1
P
-
-
-
99
NC
-
-
-
-
134
AVS1
P
-
-
-
100
NC
-
-
-
-
135
AVD2
P
-
-
-
101
NC
-
-
-
-
136
AVS2
P
-
-
-
102
NC
-
-
-
-
137
VCC
P
-
-
-
103
VCC
P
-
-
-
138
GND
P
-
-
-
104
GND
P
-
-
-
139
P5_3/MISO0
I/O
±5
PU
-
105
INTD3
I
±5
-
-
140
P5_2/MOSI0
I/O
±5
PU
-
106
INTD2
I
±5
-
-
141
P5_1/SPICLK0
I/O
±5
PU
-
107
INTD1
I
±5
-
-
142
P5_0/SS0
I/O
±5
PU
-
108
INTD0
I
±5
-
-
143
P3_5/T1
I/O
±5
PU
-
109
NC
-
-
-
-
144
P3_4/T0
I/O
±5
PU
-
110
NC
-
-
-
-
111
NC
-
-
-
-
Notes:
1
.
Mandatory to be tied down
I/O=pin direction:
I=input, O=Output, P=Power
I(mA)=nominal current:
+=source, -=sink, X=fixed by external resistor
RES=pin pullup/pulldown resistor: PU=pullup, PD=pulldown
;
HY=Input Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com