Electronic Components Datasheet Search
  English  ▼

X  

AP3776 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3776
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3776 Datasheet HTML 5Page - Diodes Incorporated AP3776 Datasheet HTML 6Page - Diodes Incorporated AP3776 Datasheet HTML 7Page - Diodes Incorporated AP3776 Datasheet HTML 8Page - Diodes Incorporated AP3776 Datasheet HTML 9Page - Diodes Incorporated AP3776 Datasheet HTML 10Page - Diodes Incorporated AP3776 Datasheet HTML 11Page - Diodes Incorporated AP3776 Datasheet HTML 12Page - Diodes Incorporated AP3776 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AP3776
Document number: DS36707 Rev. 4 - 2
9 of 17
www.diodes.com
February 2015
© Diodes Incorporated
AP3776
A Product Line of
Diodes Incorporated
Function Description (Cont.)
Figure 2. The Operation Waveform of Flyback PSR System
For primary-side regulation, the primary current ip(t) is sensed by a current sense resistor RCS (R5,R6 as shown in Typical Application of
AP3776).The current rises up linearly at a rate of:
M
L
t
dt
t
dip
)
(
Vin
)
(
(1)
As illustrated in Figure 2, when the current ip(t) rises up to IPK, the switch Q1 turns off. The constant peak current is given by:
CS
CS
PK
R
V
I
(2)
The energy stored in the magnetizing inductance LM each cycle is therefore:
2
2
1
PK
M
I
L
Eg
(3)
So the power transferring from the input to the output is given by:
SW
PK
M
f
I
L
P
2
2
1
(4)
Where, the fSW is the switching frequency. When the peak current IPK is constant, the output power depends on the switching frequency fSW.
The maximum frequency for AP3776 system is about 84kHz.
Constant Voltage Operation
As to constant-voltage (CV) operation mode, the AP3776 detects the auxiliary winding voltage at FB pin to regulate the output voltage. The
auxiliary winding voltage is coupled with secondary side winding voltage, so the auxiliary winding voltage at secondary rectification diode D1
conduction time is:
Vd
V
N
N
V
OUT
S
AUX
AUX
(5)
Where the Vd is the diode forward voltage drop.
t
ONP
t
ONS
IPK
IPKS
VS
IP
IS
t
OFFS
t
OFF
VSEC
VA
VAUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com