Electronic Components Datasheet Search
  English  ▼

X  

AP3776 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3776
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3776 Datasheet HTML 8Page - Diodes Incorporated AP3776 Datasheet HTML 9Page - Diodes Incorporated AP3776 Datasheet HTML 10Page - Diodes Incorporated AP3776 Datasheet HTML 11Page - Diodes Incorporated AP3776 Datasheet HTML 12Page - Diodes Incorporated AP3776 Datasheet HTML 13Page - Diodes Incorporated AP3776 Datasheet HTML 14Page - Diodes Incorporated AP3776 Datasheet HTML 15Page - Diodes Incorporated AP3776 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AP3776
Document number: DS36707 Rev. 4 - 2
12 of 17
www.diodes.com
February 2015
© Diodes Incorporated
AP3776
A Product Line of
Diodes Incorporated
Function Description (Cont.)
FB
VAUX
RFB1
RFB2
Tonp
700k
S1
VCS
OUT
RCS
RLINE
K=0.4
ILINE
Figure 5. Adjustable Line Compensation Circuit
6.
Fixed Cable Compensation
As we know, CPC voltage reflects the power system loading percentage. By introducing a rising voltage, which is linear to CPC voltage, to the
FB reference voltage, AP3776 can realize the fixed cable compensation to match the voltage drop at output cable. The cable compensation is
7% (typ).
Protection
1.
FB Over Voltage Protection (OVP)
When the voltage of FB pin exceeds VFB(OVP) at Tons period, AP3776 immediately shuts down for tOFF(MAX) and then detects the FB voltage
again to see if VFB(OVP) condition is removed. The VCC voltage will drop during the tOFF(MAX). When VCC is still higher than VOPR(Min) after
tOFF(MAX), and VFB(OVP) condition is removed, the IC will enter normal operating mode; but if VFB(OVP) condition is not removed, AP3776 will
remain shut down and wait for another tOFF(MAX). When VCC drops to VOPR(Min) during the tOFF(MAX), AP3776 will enter the restart mode, and
VCC voltage changes between VTH(ST) and VOPR(Min) until VFB(OVP) condition is removed.
2.
Open Circuit Protection (OCKP)
If the down resistance of FB pin short or up resistance open, there will be no voltage on FB pin, so the sample signal
can’t be monitored, and
the OCKP protection will be triggered. The protection operating process is the same as over voltage protection process.
3.
Short Circuit Protection (SCP)
Short Circuit Protection (SCP) detection principle is similar to the normal output voltage feedback detection by sensing FB pin voltage. When
the detected FB pin voltage is below VFB(SCP) for a duration of about tOFF(MAX), the SCP is triggered. Then the AP3776 enters hiccup mode
that the IC immediately shuts down and then restarts, so that the VCC voltage changes between VTH(ST) and VOPR(Min) until VFB(SCP)
condition is removed.
As to the normal system startup, the time duration of FB pin voltage below VFB(SCP) should be less than tOFF(MAX) to avoid entering SCP
mode. But for the output short condition or the output voltage below a certain level, the SCP mode should happen.
Figure 6 shows the AP3776 normal start-up waveform. If the voltage of FB pin reaches above VFB(SCP) during tOFF(MAX) after VCC gets to the
VTH(ST), the IC doesn’t enter the SCP mode. Figure 7 shows that VOUT is short and the voltage of FB pin is lower than VFB(SCP) during
tOFF(MAX), then the AP3776 triggers the SCP and enters the hiccup mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com