Electronic Components Datasheet Search
  English  ▼

X  

AP3776 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3776
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3776 Datasheet HTML 1Page - Diodes Incorporated AP3776 Datasheet HTML 2Page - Diodes Incorporated AP3776 Datasheet HTML 3Page - Diodes Incorporated AP3776 Datasheet HTML 4Page - Diodes Incorporated AP3776 Datasheet HTML 5Page - Diodes Incorporated AP3776 Datasheet HTML 6Page - Diodes Incorporated AP3776 Datasheet HTML 7Page - Diodes Incorporated AP3776 Datasheet HTML 8Page - Diodes Incorporated AP3776 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP3776
Document number: DS36707 Rev. 4 - 2
1 of 17
www.diodes.com
February 2015
© Diodes Incorporated
AP3776
A Product Line of
Diodes Incorporated
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Description
The AP3776 is a high performance AC/DC power supply controller for
battery charger and adapter applications. It can meet less than 10mW
standby power for “Super Star” charger criteria. The device uses
Pulse Frequency Modulation (PFM) method to build discontinuous
conduction mode (DCM) flyback power supplies.
The AP3776 provides accurate constant voltage (CV), constant
current (CC) and outstanding dynamic performance without requiring
an opto-coupler. It also eliminates the need of loop compensation
circuitry while maintaining stability.
The AP3776 achieves excellent regulation and high average
efficiency, less than 10mW no-load power consumption and less than
1s startup time. When AP3776 is used with AP4341, APR343 or
APR3415, good under-shoot performance and higher conversion
efficiency can be achieved.
This IC is available SO-8 package.
Features
Primary Side Control for Eliminating Opto-coupler
10mW No-load Input Power
Compensation for External Component Temperature Variations
Flyback Topology in DCM Operation
Random Frequency Adjustment to Reduce System EMI
Semi-valley Turn on for the Higher Efficiency
Built-in Soft Start
Over Voltage Protection
Over Temperature Protection
Short Circuit Protection
AP4341, APR343 or APR3415 Awaking Signal Detection
Audio Noise Reduction
Internal Cable Compensation
SO-8 Package
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
IS
EM
VCC
OUT
FB
CPC
VCS
GND
SO-8
Applications
Adapter/Chargers for Shaver, Cell/Cordless Phones, PDAs, MP3
and Other Portable Apparatus
Standby and Auxiliary Power Supplies
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3776

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 6
AP3776BMTR-G1 DIODES-AP3776BMTR-G1 Datasheet
545Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 6
More results

Similar Description - AP3776

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3765 BCDSEMI-AP3765_10 Datasheet
605Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Unisonic Technologies
UC1108 UTC-UC1108 Datasheet
246Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 6
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
Low-Power Off-line Primary Side Regulation Controller
logo
Diodes Incorporated
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com