Electronic Components Datasheet Search
  English  ▼

X  

AD549 Datasheet(PDF) 5 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 5 Page - Analog Devices

  AD549 Datasheet HTML 1Page - Analog Devices AD549 Datasheet HTML 2Page - Analog Devices AD549 Datasheet HTML 3Page - Analog Devices AD549 Datasheet HTML 4Page - Analog Devices AD549 Datasheet HTML 5Page - Analog Devices AD549 Datasheet HTML 6Page - Analog Devices AD549 Datasheet HTML 7Page - Analog Devices AD549 Datasheet HTML 8Page - Analog Devices AD549 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AD549
Data Sheet
Rev. K | Page 4 of 18
AD549J
AD549K
AD549L
AD549S
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
FREQUENCY RESPONSE
Unity Gain, Small Signal
0.7
1.0
0.7
1.0
0.7
1.0
0.7
1.0
MHz
Full Power Response
50
50
50
50
kHz
Slew Rate
2
3
2
3
2
3
2
3
V/μs
Settling Time, 0.1%
4.5
4.5
4.5
4.5
μs
Settling Time, 0.01%
5
5
5
5
μs
Overload Recovery, 50%
Overdrive, G = −1
2
2
2
2
μs
POWER SUPPLY
Rated Performance
±15
±15
±15
±15
V
Operating
±5
±18
±5
±18
±5
±18
±5
±18
V
Quiescent Current
0.60
0.70
0.60
0.70
0.60
0.70
0.60
0.70
mA
TEMPERATURE RANGE
Operating, Rated
Performance
0
70
0
70
0
70
−55
+125
°C
Storage
−65
+150
−65
+150
−65
+150
−65
+150
°C
1 Bias current specifications are guaranteed after five minutes of operation at TA = 25°C. Bias current increases by a factor of 2.3 for every 10°C rise in temperature.
2 Input offset voltage specifications are guaranteed after five minutes of operation at TA = 25°C.
3 Defined as maximum continuous voltage between the inputs, such that neither input exceeds ±10 V from ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com