Electronic Components Datasheet Search
  English  ▼

X  

AD549 Datasheet(PDF) 14 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD549 Datasheet HTML 10Page - Analog Devices AD549 Datasheet HTML 11Page - Analog Devices AD549 Datasheet HTML 12Page - Analog Devices AD549 Datasheet HTML 13Page - Analog Devices AD549 Datasheet HTML 14Page - Analog Devices AD549 Datasheet HTML 15Page - Analog Devices AD549 Datasheet HTML 16Page - Analog Devices AD549 Datasheet HTML 17Page - Analog Devices AD549 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Data Sheet
AD549
Rev. K | Page 13 of 18
DIFFERENTIAL INPUT VOLTAGE OVERLOAD
A plot of the AD549 input currents vs. differential input
voltage (defined as VIN+ − VIN−) appears in Figure 36. The
input current at either terminal stays below a few hundred
femtoamps until one input terminal is forced higher than 1 V
to 1.5 V above the other terminal. Under these conditions, the
input current limits at 30 μA.
100µ
10µ
1µ
100n
10n
1n
100p
10p
1p
100f
10f
–5
–4
–3
–2
–1
0
1
2
3
4
5
DIFFERENTIAL INPUT VOLTAGE (V) (VIN+ – VIN–)
IIN–IIN+
Figure 36. Input Current vs. Differential Input Voltage
INPUT PROTECTION
The AD549 safely handles any input voltage within the supply
voltage range. Subjecting the input terminals to voltages beyond
the power supply can destroy the device or cause shifts in input
current or offset voltage if the amplifier is not protected.
A protection scheme for the amplifier as an inverter is shown
in Figure 37. RP is chosen to limit the current through the
inverting input to 1 mA for expected transient (less than 1 sec)
overvoltage conditions, or to 100 μA for a continuous overload.
Because RP is inside the feedback loop and is much lower in
value than the amplifier input resistance, it does not affect the
dc gain of the inverter. However, the Johnson noise of the
resistor adds root sum of squares to the amplifier input noise.
2
3
6
AD549
CF
SOURCE
RPROTECT
RF
Figure 37. Inverter with Input Current Limit
In the corresponding version of this scheme for a follower,
shown in Figure 38, RP and the capacitance at the positive input
terminal produce a pole in the signal frequency response at a
f = ½πRC. Again, the Johnson noise, RP, adds to the input
voltage noise of the amplifier.
3
2
6
AD549
SOURCE
RPROTECT
Figure 38. Follower with Input Current Limit
Figure 39 is a schematic of the AD549 as an inverter with an
input voltage clamp. Bootstrapping the clamp diodes at the
inverting input minimizes the voltage across the clamps and
keeps the leakage due to the diodes low. Use low leakage diodes,
such as the FD333s, and shield them from light to prevent photo-
currents from being generated. Even with these precautions, the
diodes measurably increase input current and capacitance.
2
3
6
AD549
SOURCE
RF
PROTECT
DIODES
Figure 39. Input Voltage Clamp with Diodes
SAMPLE-AND-DIFFERENCE CIRCUIT TO MEASURE
ELECTROMETER LEAKAGE CURRENTS
There are a number of methods used to test electrometer leakage
currents, including current integration and direct I-to-V con-
version. Regardless of the method used, board and interconnect
cleanliness, proper choice of insulating materials (such as Teflon
or Kel-F), correct guarding and shielding techniques, and care
in physical layout are essential to making accurate leakage
measurements.
Figure 40 is a schematic of the sample-and-difference circuit. It
uses two AD549 electrometer amplifiers (A and B) as I-to-V
converters with high value (1010 Ω) sense resistors (RSa and
RSb). R1 and R2 provide for an overall circuit sensitivity of
10 fA/mV (10 pA full scale). CC and CF provide noise suppression
and loop compensation. CC should be a low leakage polystyrene
capacitor. An ultralow leakage Kel-F test socket is used for con-
tacting the device under test. Rigid Teflon coaxial cable is used
to make connections to all high impedance nodes. The use of
rigid coaxial cable affords immunity to error induced by mechan-
ical vibration and provides an outer conductor for shielding. The
entire circuit is enclosed in a grounded metal box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com