Electronic Components Datasheet Search
  English  ▼

X  

AD549 Datasheet(PDF) 18 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD549 Datasheet HTML 11Page - Analog Devices AD549 Datasheet HTML 12Page - Analog Devices AD549 Datasheet HTML 13Page - Analog Devices AD549 Datasheet HTML 14Page - Analog Devices AD549 Datasheet HTML 15Page - Analog Devices AD549 Datasheet HTML 16Page - Analog Devices AD549 Datasheet HTML 17Page - Analog Devices AD549 Datasheet HTML 18Page - Analog Devices AD549 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Data Sheet
AD549
Rev. K | Page 17 of 18
The pH probe output is ideally 0 V at a pH of 7, independent
of temperature. The slope of the transfer function of the probe,
though predictable, is temperature dependent (−54.2 mV/pH at
0°C and −74.04 mV/pH at 100°C). By using an AD590 tempera-
ture sensor and an AD534 analog divider, an accurate temperature
compensation network can be added to the basic pH probe ampli-
fier. Table 4 shows voltages at various points, thereby illustrating
the compensation. The AD549 is set for a noninverting gain of
13.51. The output of the AD590 circuitry (Point C) is equal to
10 V at 100°C and decreases by 26.8 mV/°C. The output of the
AD534 analog divider (Point D) is a temperature-compensated
output voltage centered at 0 V for a pH of 7 and has a transfer
function of –1.00 V/pH unit. The output range spans from
−7.00 V (pH = 14) to +7.00 V (pH = 0).
8
14
10 Z2
12
OUT
7
Y2
6
Y1
11 Z1
1
X1
2
X2
AD534
0.1µF
+15V
0.1µF
–15V
OUTPUT
(D)
(B)
(C)
26.6kΩ
+
–
AD590
IN STAINLESS
STEEL PROBE
OR AC2626
+15V
3
2
6
4
8
7
AD549
0.1µF
0.1µF
pH
PROBE
OUTPUT
(A)
1kΩ
12kΩ
1kΩ
SCALE FACTOR
ADJUST
Figure 46. Temperature Compensated pH Amplifier
Table 4. Illustration of Temperature Compensation
Point
Probe Temperature (°C)
A (Probe Output) (mV)
B (A × 13.51) (V)
C (AD590 Output) (V)
D (10 × (B ÷ C)) (V)
0
54.20
0.732
7.32
1.00
25
59.16
0.799
7.99
1.00
37
61.54
0.831
8.31
1.00
60
66.10
0.893
8.93
1.00
100
74.04
1.000
10.00
1.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com