Electronic Components Datasheet Search
  English  ▼

X  

AD549 Datasheet(PDF) 12 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD549 Datasheet HTML 8Page - Analog Devices AD549 Datasheet HTML 9Page - Analog Devices AD549 Datasheet HTML 10Page - Analog Devices AD549 Datasheet HTML 11Page - Analog Devices AD549 Datasheet HTML 12Page - Analog Devices AD549 Datasheet HTML 13Page - Analog Devices AD549 Datasheet HTML 14Page - Analog Devices AD549 Datasheet HTML 15Page - Analog Devices AD549 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Data Sheet
AD549
Rev. K | Page 11 of 18
The case of the AD549 is connected to Pin 8 so that it can be
bootstrapped near the input potential. This minimizes pin
leakage and input common-mode capacitance due to the case.
Guard schemes for inverting and noninverting amplifier
topologies are illustrated in Figure 28 and Figure 29.
2
3
6
8
AD549
+
VOUT
–
IN
CF
RF
GUARD
Figure 28. Inverting Amplifier with Guard
3
2
6
8
AD549
+
VOUT
–
VS
+
–
GUARD
RF
RI
Figure 29. Noninverting Amplifier with Guard
Other guidelines include keeping the circuit layout as compact
as possible and keeping the input lines short. Keeping the assembly
rigid and minimizing sources of vibration reduces triboelectric
and piezoelectric effects. All precision, high impedance circuitry
requires shielding against interference noise. Use low noise coaxial
or triaxial cables for remote connections to the input signal lines.
OFFSET NULLING
The AD549 input offset voltage can be nulled by using balance
Pin 1 and Pin 5, as shown in Figure 30. Nulling the input offset
voltage in this fashion introduces an added input offset voltage
drift component of 2.4 μV/°C per mV of nulled offset (a maximum
additional drift of 1.2 μV/°C for the AD549K and AD549L, and
2.4 μV/°C for the AD549J).
2
3
6
5
1
7
4
AD549
+
VOUT
–
–VS
+VS
10kΩ
Figure 30. Standard Offset Null Circuit
The approach in Figure 31 can be used when the amplifier is
used as an inverter. This method introduces a small voltage
referenced to the power supplies in series with the positive
input terminal of the amplifier. The amplifier input offset
voltage drift with temperature is not affected. However,
variation of the power supply voltages causes offset shifts.
2
3
6
AD549
+
VOUT
–
VI
+
–
RF
RI
200Ω
100kΩ
499kΩ
499kΩ
0.1µF
–VS
+VS
Figure 31. Alternate Offset Null Circuit for Inverter
Table 3. Insulating Materials and Characteristics
Material
Volume Resistivity
(V to CM)
Minimal
Triboelectric Effect1
Minimal
Piezoelectric Effect1
Resistance to
Water Absorption1
Teflon
1017 to 1018
W
W
G
Kel-F®
1017 to 1018
W
M
G
Sapphire
1016 to 1018
M
G
G
Polyethylene
1014 to 1018
M
G
M
Polystyrene
1012 to 1018
W
M
M
Ceramic
1012 to 1014
W
M
W
Glass Epoxy
1010 to 1017
W
M
W
PVC
1010 to 1015
G
M
G
Phenolic
105 to 1012
W
G
W
1 G: good with regard to property; M: moderate with regard to property; W: weak with regard to property.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com