Electronic Components Datasheet Search
  English  ▼

X  

AD841 Datasheet(PDF) 7 Page - Analog Devices

Part # AD841
Description  Wideband, Unity-Gain Stable, Fast Settling Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD841 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD841 Datasheet HTML 3Page - Analog Devices AD841 Datasheet HTML 4Page - Analog Devices AD841 Datasheet HTML 5Page - Analog Devices AD841 Datasheet HTML 6Page - Analog Devices AD841 Datasheet HTML 7Page - Analog Devices AD841 Datasheet HTML 8Page - Analog Devices AD841 Datasheet HTML 9Page - Analog Devices AD841 Datasheet HTML 10Page - Analog Devices AD841 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AD841
Data Sheet
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C and VS = ±15 V, unless otherwise noted.
Figure 4. Input Common-Mode Range vs. Supply Voltage
Figure 5. Output Voltage Swing vs. Supply Voltage
Figure 6. Output Voltage Swing vs. Load Resistance
Figure 7. Quiescent Current vs. Supply Voltage
Figure 8. Input Bias Current vs. Temperature
Figure 9. Output Impedance vs. Frequency
20
VIN
0
5
10
15
0
5
10
15
20
SUPPLY VOLTAGE (±V)
20
VOUT
0
5
10
15
0
5
10
15
20
SUPPLY VOLTAGE (±V)
30
25
20
0
5
10
15
10
100
1k
10k
LOAD RESISTANCE (Ω)
±15V SUPPLIES
12
4
6
8
10
0
5
10
15
20
SUPPLY VOLTAGE (±V)
6
3
4
5
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
100
0.01
0.1
1
10
10k
100k
10M
1M
100M
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com