Electronic Components Datasheet Search
  English  ▼

X  

AD841 Datasheet(PDF) 9 Page - Analog Devices

Part # AD841
Description  Wideband, Unity-Gain Stable, Fast Settling Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD841 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD841 Datasheet HTML 5Page - Analog Devices AD841 Datasheet HTML 6Page - Analog Devices AD841 Datasheet HTML 7Page - Analog Devices AD841 Datasheet HTML 8Page - Analog Devices AD841 Datasheet HTML 9Page - Analog Devices AD841 Datasheet HTML 10Page - Analog Devices AD841 Datasheet HTML 11Page - Analog Devices AD841 Datasheet HTML 12Page - Analog Devices AD841 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AD841
Data Sheet
Rev. C | Page 8 of 16
Figure 16. Common-Mode Rejection vs. Frequency
Figure 17. Large Signal Frequency Response
Figure 18. Output Swing and Error vs. Settling Time
Figure 19. Harmonic Distortion vs. Frequency
Figure 20. Slew Rate vs. Temperature
Figure 21. Input Voltage Noise Spectral Density
120
100
80
60
40
20
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
VS = ±15V
VCM = 1V p-p
TA = 25°C
30
25
20
15
10
5
0
1M
100M
10M
FREQUENCY (Hz)
VS = ±15V
RL = 1kΩ
TA = 25°C
10
–10
–8
–6
–4
–2
0
2
4
6
8
30
110
70
40
80
50
90
60
100
SETTLING TIME (ns)
0.01%
0.1%
0.01%
0.1%
–70
–80
–90
–100
–110
–120
–130
100
1k
10k
100k
FREQUENCY (Hz)
3V rms
RL = 1kΩ
SECOND HARMONIC
THIRD HARMONIC
500
200
300
400
450
250
350
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
30
25
20
15
10
5
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com