Electronic Components Datasheet Search
  English  ▼

X  

AD841 Datasheet(PDF) 8 Page - Analog Devices

Part # AD841
Description  Wideband, Unity-Gain Stable, Fast Settling Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD841 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD841 Datasheet HTML 4Page - Analog Devices AD841 Datasheet HTML 5Page - Analog Devices AD841 Datasheet HTML 6Page - Analog Devices AD841 Datasheet HTML 7Page - Analog Devices AD841 Datasheet HTML 8Page - Analog Devices AD841 Datasheet HTML 9Page - Analog Devices AD841 Datasheet HTML 10Page - Analog Devices AD841 Datasheet HTML 11Page - Analog Devices AD841 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
AD841
Rev. C | Page 7 of 16
Figure 10. Quiescent Current vs. Temperature
Figure 11. Short-Circuit Current Limit vs. Temperature
Figure 12. Gain Bandwidth Product vs. Temperature
Figure 13. Open-Loop Gain and Phase Margin vs. Frequency
Figure 14. Open-Loop Gain vs. Supply Voltage
Figure 15. Power Supply Rejection vs. Frequency
15
14
13
12
11
10
9
8
7
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
140
130
120
110
100
90
80
70
60
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
+OUTPUT CURRENT
–OUTPUT CURRENT
50
45
40
35
30
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
100
80
60
40
20
0
–20
100
80
60
40
20
0
–20
100
100M
10M
1M
100k
10k
1k
FREQUENCY (Hz)
500Ω LOAD
98
90
92
94
96
0
5
10
15
20
SUPPLY VOLTAGE (±V)
500Ω LOAD
120
100
80
60
40
20
0
100
100M
10M
1M
100k
10k
1k
FREQUENCY (Hz)
+SUPPLY
–SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com