Electronic Components Datasheet Search
  English  ▼

X  

AD841 Datasheet(PDF) 11 Page - Analog Devices

Part # AD841
Description  Wideband, Unity-Gain Stable, Fast Settling Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD841 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD841 Datasheet HTML 7Page - Analog Devices AD841 Datasheet HTML 8Page - Analog Devices AD841 Datasheet HTML 9Page - Analog Devices AD841 Datasheet HTML 10Page - Analog Devices AD841 Datasheet HTML 11Page - Analog Devices AD841 Datasheet HTML 12Page - Analog Devices AD841 Datasheet HTML 13Page - Analog Devices AD841 Datasheet HTML 14Page - Analog Devices AD841 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AD841
Data Sheet
Rev. C | Page 10 of 16
THEORY OF OPERATION
OFFSET NULLING
The input offset voltage of the AD841 is very low for a high
speed op amp, but if additional nulling is required, the circuit
shown in Figure 28 can be used.
Figure 28. Offset Nulling (PDIP Pinout)
INPUT CONSIDERATIONS
An input resistor (RIN in Figure 25) is recommended in circuits
where the input to the AD841 is subjected to transient or
continuous overload voltages exceeding the ±6 V maximum
differential limit. This resistor provides protection for the input
transistors by limiting the maximum current that can be forced
into the input.
For high performance circuits it is recommended that a resistor
(RB in Figure 22 and Figure 25) be used to reduce bias current
errors by matching the impedance at each input. The output
voltage error caused by the offset current is more than an order
of magnitude less than the error present if the bias current error
is not removed.
AD841 SETTLING TIME
Figure 29 and Figure 31 show the settling performance of the
AD841 in the test circuit shown in Figure 30.
Settling time is defined as the interval of time from the
application of an ideal step function input until the closed-loop
amplifier output has entered and remains within a specified
error band.
This definition encompasses the major components, which
comprise settling time. They include
•
Propagation delay through the amplifier
•
Slewing time to approach the final output value
•
The time of recovery from the overload associated
with slewing
•
Linear settling to within the specified error band
Expressed in these terms, the measurement of settling time
is obviously a challenge and needs to be done accurately to
assure the user that the amplifier is worth consideration for
the application.
Figure 29. AD841 0.01% Settling Time
Figure 30. Settling Time Test Circuit
Measurement of the 0.01% settling in 110 ns was accomplished
by amplifying the error signal from a false summing junction
with a very high speed proprietary hybrid error amplifier
specially designed to enable testing of small settling errors.
The device under test was driving a 500 Ω load. The input to
the error amp is clamped to avoid possible problems associated
with the overdrive recovery of the oscilloscope input amplifier.
The error amp gains the error from the false summing junction
by 10, and it contains a gain vernier to fine trim the gain.
11
12
3
4
5
10
–
+
AD841
+VS
6
–VS
2.2µF
0.1µF
RL
INPUT
OUTPUT
100Ω
100Ω
100
90
10
0%
10mV
5V
20ns
OUTPUT ERROR:
0.02%/DIV
OUTPUT:
5V/DIV
DDD5109
FLAT-TOP
PULSE
GENERATOR
11
6
4
5
10
–
+
AD841
+15V
–15V
2.2µF
0.1µF
2.2µF
0.1µF
499Ω
50Ω
499Ω
1kΩ
1kΩ
1kΩ
1kΩ
ERROR
AMP
(×10)
TEK
7A13
TEK
7A18
HP6263
FET PROBE
TEK P6201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com