Electronic Components Datasheet Search
  English  ▼

X  

AD8367S Datasheet(PDF) 1 Page - Analog Devices

Part # AD8367S
Description  Variable Gain Amplifier with Automatic Gain Control Detector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367S Datasheet(HTML) 1 Page - Analog Devices

  AD8367S Datasheet HTML 1Page - Analog Devices AD8367S Datasheet HTML 2Page - Analog Devices AD8367S Datasheet HTML 3Page - Analog Devices AD8367S Datasheet HTML 4Page - Analog Devices AD8367S Datasheet HTML 5Page - Analog Devices AD8367S Datasheet HTML 6Page - Analog Devices AD8367S Datasheet HTML 7Page - Analog Devices AD8367S Datasheet HTML 8Page - Analog Devices AD8367S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This specification documents the detail requirements for space qualified product manufactured on Analog
Devices, Inc.'s QML certified line per MIL-PRF-38535 Level V except as modified herein.
The manufacturing flow described in the STANDARD SPACE LEVEL PRODUCTS PROGRAM brochure is to be
considered a part of this specification. http://www.analog.com/aeroinfo
This data sheet specifically details the space grade version of this product. A more detailed operational description
and a complete data sheet for commercial product grades can be found at www.analog.com/AD8367.
Part Number
Description
AD8367R703F
HDR Radiation tested for 100Krads, 500 MHz, Variable Gain Amplifier
with Automatic Gain Control Detector
AD8367L703F
LDR Radiation tested for 50Krads, 500 MHz, Variable Gain Amplifier
with Automatic Gain Control Detector
The case outline(s) are as designated in MIL-STD-1835 with package dimensions listed as follows:
Outline letter
Descriptive designator
Terminals
Package style
X
CDFP4-F16
16 lead
Bottom Brazed Flat Pack
Figure 1 - Terminal connections.


Similar Part No. - AD8367S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8367 AD-AD8367 Datasheet
607Kb / 16P
500 MHz, Linear-in-dB VGA with AGC Detector
REV.0
AD8367 AD-AD8367 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8367-EVAL AD-AD8367-EVAL Datasheet
607Kb / 16P
500 MHz, Linear-in-dB VGA with AGC Detector
REV.0
AD8367-EVAL AD-AD8367-EVAL Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8367ARU AD-AD8367ARU Datasheet
607Kb / 16P
500 MHz, Linear-in-dB VGA with AGC Detector
REV.0
More results

Similar Description - AD8367S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
logo
Samsung semiconductor
S1T8507C SAMSUNG-S1T8507C Datasheet
93Kb / 6P
Automatic gain control system
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
Variable Gain Amplifier with Analog Control
logo
Silicon Laboratories
SI4732-A10 SILABS-SI4732-A10 Datasheet
1Mb / 3P
Automatic gain control
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
Variable gain amplifier
5/21/2012
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com