Electronic Components Datasheet Search
  English  ▼

X  

IW673 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW673
Description  Digital Green-Mode Synchronous Rectifier Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW673 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW673 Datasheet HTML 1Page - Dialog Semiconductor IW673 Datasheet HTML 2Page - Dialog Semiconductor IW673 Datasheet HTML 3Page - Dialog Semiconductor IW673 Datasheet HTML 4Page - Dialog Semiconductor IW673 Datasheet HTML 5Page - Dialog Semiconductor IW673 Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
iW673
Digital Green-Mode Synchronous Rectifier Controller
Rev. 1.4
Product Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 6
17-May-2016
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded.
5 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
VIN DC supply voltage range (pin 6, ICC = 15mA max)
VIN
-0.3 to 33
V
Continuous DC supply current at VIN pin (VIN = 30V)
IVO
15
mA
Continuous DC supply current at VCC pin (VCC = 5.5V)
IVCC
15
mA
Gate peak output current
IG
±3
A
DRAIN pin voltage (Note 1)
VD
-1.5 to 60
V
DRAIN pin peak current
IDRAIN
-40 to 300
mA
SOURCE pin voltage
VSOURCE
- 0.6 to 1
V
VCC pin voltage
VCC
-0.6 to 6
V
Junction temperature
TJ
-40 to 150
°C
Storage temperature
–65 to 150
°C
Thermal resistance junction-to-ambient
θJA
190
°C/W
ESD rating per JEDEC JESD22-A114
2,000
V
Notes:
Note 1:
The DRAIN pin voltage should not be below -0.6V for more than 500 ns.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com