Electronic Components Datasheet Search
  English  ▼

X  

IW673 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # IW673
Description  Digital Green-Mode Synchronous Rectifier Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW673 Datasheet(HTML) 1 Page - Dialog Semiconductor

  IW673 Datasheet HTML 1Page - Dialog Semiconductor IW673 Datasheet HTML 2Page - Dialog Semiconductor IW673 Datasheet HTML 3Page - Dialog Semiconductor IW673 Datasheet HTML 4Page - Dialog Semiconductor IW673 Datasheet HTML 5Page - Dialog Semiconductor IW673 Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
iW673
Digital Green-Mode Synchronous Rectifier Controller
Rev. 1.4
Product Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
1 of 6
17-May-2016
1 Description
The iW673 is a high performance synchronous rectifier controller with an integrated MOSFET driver for flyback
converters operating at discontinuous conduction mode. Combined with the MOSFET, the iW673 can emulate the diode
rectifier at the secondary side of the flyback to reduce conduction loss. The iW673 determines the timing of the driver
by sensing the voltage across the RDS(ON) to achieve lossless sensing. The iW673 uses proprietary digital adaptive turn-
off control technology to minimize the turn-off deadtime of the synchronous rectifier so that the parallel Schottky diode
required by conventional synchronous rectifiers can be eliminated. The integrated driver has strong driving capability for
high efficiency. The operating power consumption of the controller excluding the driver is less than 4mW at no load to
achieve the ultra-low no-load power consumption at 5V output. The iW673 integrates a pulse linear regulator to maintain
the operation of the synchronous rectifier at low system output voltage when the system is operating in constant current
(CC) mode.
2 Features
● Digital adaptive turn-off control minimizes dead-time
and eliminates the parallel Schottky diode
● Integrated pulse linear regulator (PLR) enables SR
operation at down to 2.4V system output when system
is in constant current (CC) mode with iW673-00,
iW673-01, or iW673-20
● Wide VIN pin operating voltage up to 25V (16V for
iW673-00)
3 Applications
● Compact AC/DC adapters/chargers for media tablets
and smart phones
Figure 3.1 : iW673 Typical Application Circuit
● Optimized 5V MOSFET gate driver Intelligent low power
management achieves ultra-low
no-load operating current
● Lossless MOSFET VDS sensing for SR timing control
● 6-pin SOT23 package
VOUT
RTN
1
2
6
5
3
4
+
GND
iW673
DRAIN
SOURCE
OUT
V
CC
V
IN
+


Similar Part No. - IW673

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW673 RENESAS-IW673 Datasheet
522Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
IW673-00 RENESAS-IW673-00 Datasheet
522Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
IW673-01 RENESAS-IW673-01 Datasheet
522Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
IW673-10 RENESAS-IW673-10 Datasheet
522Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
IW673-20 RENESAS-IW673-20 Datasheet
522Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
More results

Similar Description - IW673

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
SYNCHRONOUS RECTIFIER CONTROLLER
Rev erse
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
SYNCHRONOUS RECTIFIER CONTROLLER
Rev erse
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
Synchronous Rectifier Controller
logo
Texas Instruments
UCC24612 TI1-UCC24612 Datasheet
816Kb / 40P
High-Frequency Multi-Mode Synchronous Rectifier Controller
logo
Dialog Semiconductor
IW671 DIALOG-IW671 Datasheet
529Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
IW676 DIALOG-IW676 Datasheet
374Kb / 7P
Digital Synchronous Rectifier Controller Optimized for Wide
IW873 DIALOG-IW873 Datasheet
356Kb / 6P
Digital Green-Mode Synchronous Rectifier
logo
Renesas Technology Corp
IW671 RENESAS-IW671 Datasheet
636Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
02-Feb-2022
IW673 RENESAS-IW673 Datasheet
522Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
IW873 RENESAS-IW873 Datasheet
461Kb / 6P
Digital Green-Mode Synchronous Rectifier
02-Feb-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com