Electronic Components Datasheet Search
  English  ▼

X  

IW673 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # IW673
Description  Digital Green-Mode Synchronous Rectifier Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW673 Datasheet(HTML) 2 Page - Dialog Semiconductor

  IW673 Datasheet HTML 1Page - Dialog Semiconductor IW673 Datasheet HTML 2Page - Dialog Semiconductor IW673 Datasheet HTML 3Page - Dialog Semiconductor IW673 Datasheet HTML 4Page - Dialog Semiconductor IW673 Datasheet HTML 5Page - Dialog Semiconductor IW673 Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
iW673
Digital Green-Mode Synchronous Rectifier Controller
Rev. 1.4
Product Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
2 of 6
17-May-2016
Figure 3.2 : iW673 Typical Application Circuit Using iW1602 as the Primary-Side Controller
(Achieving <75mW No-Load Power Consumption in 5V, 2.5A Adapter Designs with Fast Dynamic Load Response, and
Supporting Constant Current Operation down to 2.4V System Output)
L
+
U1
iW1602
VCC
VSENSE
CFG
OUTPUT
GND
CS/FS
RFS
RISNS
1
5
3
6
4
2
N
VOUT
RTN
+
+
U2
iW673
DRAIN
SOURCE
OUT
VIN
VCC
GND
1
5
3
6
4
2
Figure 3.3 : iW673 Typical Application Circuit for Multi-Level Output Voltage and Current
(Using iW1782 as Primary-Side Controller and iW636 as Secondary-Side Controller) for Qualcomm® Quick ChargeTM 3.0
(Achieving <20mW No-Load Power Consumption)
Note: The DFET clamping circuit at the DRAIN pin of iW673 is not needed if the
maximum voltage on the drain of the SR MOSFET is lower 60V.
+
+
U1
iW1782
VSENSE
SD
VCC
GND
1
2
3
8
7
6
4
5
NTC
L
N
OUTPUT
CS/CDC
DLNK
ASU
RCDC
VOUT
RTN
VIN
VCC
1
2
3
6
5
4
+
+
GND
U3
iW673
U2
iW636
3
1
DRV
GND
2
4
6
5
DIS
VCC
D-
D+
D+
D-
DRAIN
SOURCE
OUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com