Electronic Components Datasheet Search
  English  ▼

X  

IW673 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # IW673
Description  Digital Green-Mode Synchronous Rectifier Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW673 Datasheet(HTML) 3 Page - Dialog Semiconductor

  IW673 Datasheet HTML 1Page - Dialog Semiconductor IW673 Datasheet HTML 2Page - Dialog Semiconductor IW673 Datasheet HTML 3Page - Dialog Semiconductor IW673 Datasheet HTML 4Page - Dialog Semiconductor IW673 Datasheet HTML 5Page - Dialog Semiconductor IW673 Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
iW673
Digital Green-Mode Synchronous Rectifier Controller
Rev. 1.4
Product Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
3 of 6
17-May-2016
4 Pinout Description
Pin No.
Pin Name
Type
Pin Description
1
DRAIN
Analog Input
Synchronous rectifier MOSFET drain voltage sensing and the Pulse Linear
Regulator (PLR) input.
2
SOURCE
Analog input
Synchrnous rectifier MOSFET source voltage sensing input.
3
OUT
Output
Synchronous rectifier MOSFET driver.
4
GND
Ground
Ground.
5
VCC
Power Input
Output of internal LDO and PLR. It provides bias voltage for the internal logic
circuit and the MOSFET driver. Connect this pin to a capacitor.
6
VIN
Analog Input
Input of internal LDO and system output voltage sensing circuit. Connect to
adapter/charger output for bias voltage. The internal LDO clamps the VCC
voltage at 5V when VIN > 5V. The VIN is also the input for the PLR enable
comparator and the SR enable comparator.
Figure 4.1 : 6-Pin SOT23 Package
iW673
DRAIN
SOURCE
OUT
V
IN
V
CC
GND
1
2
3
6
4
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com