Electronic Components Datasheet Search
  English  ▼

X  

TLP2601 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP2601
Description  TOSHIBA Photocoupler GaALAs Ired & Photo-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2601 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP2601 Datasheet HTML 1Page - Toshiba Semiconductor TLP2601 Datasheet HTML 2Page - Toshiba Semiconductor TLP2601 Datasheet HTML 3Page - Toshiba Semiconductor TLP2601 Datasheet HTML 4Page - Toshiba Semiconductor TLP2601 Datasheet HTML 5Page - Toshiba Semiconductor TLP2601 Datasheet HTML 6Page - Toshiba Semiconductor TLP2601 Datasheet HTML 7Page - Toshiba Semiconductor TLP2601 Datasheet HTML 8Page - Toshiba Semiconductor TLP2601 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP2601
2002-09-25
7
tpHL, tpLH – IF
Forward current IF (mA)
120
0
5
19
7
9
11
13
15
17
20
40
60
80
100
RL=4kW
1k
W
350
W
350
W
1k
W
4k
W
tpLH
tpLH
tpHL
Ta = 25°C
VCC = 5V
tpLH
tpHL, tpLH – Ta
Ambient temperature Ta (°C)
0
70
120
0
20
40
60
80
100
10
20
30
40
50
60
RL= 4kW
1k
W
350
W
1k
W
4k
W
tpLH
tpLH
tpHL
350
W
VCC = 5 V
IF = 7.5mA
tr, tf – Ta
Ambient temperature Ta (°C)
0
70
20
40
60
80
10
20
30
40
50
60
280
300
320
0
RL= 4kW
1k
W
350
W
350
W
1k
W
4k
W
tf
tf
tf
tr
VCC = 5V
IF = 7.5mA
tEHL, tELH – Ta
Ambient temperature Ta (°C)
0
70
80
0
20
40
50
60
70
10
20
30
40
50
60
30
10
RL= 4kW
1k
W
350
W
1k
W
4k
W
tELH
tELH
tEHL
350
W
tELH
VCC = 5V
VEH = 3V
IF = 7.5mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com