Electronic Components Datasheet Search
  English  ▼

X  

TLP2601 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP2601
Description  TOSHIBA Photocoupler GaALAs Ired & Photo-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2601 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP2601 Datasheet HTML 1Page - Toshiba Semiconductor TLP2601 Datasheet HTML 2Page - Toshiba Semiconductor TLP2601 Datasheet HTML 3Page - Toshiba Semiconductor TLP2601 Datasheet HTML 4Page - Toshiba Semiconductor TLP2601 Datasheet HTML 5Page - Toshiba Semiconductor TLP2601 Datasheet HTML 6Page - Toshiba Semiconductor TLP2601 Datasheet HTML 7Page - Toshiba Semiconductor TLP2601 Datasheet HTML 8Page - Toshiba Semiconductor TLP2601 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP2601
2002-09-25
2
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Input current, low level
IFL
0
¾
250
µA
Input current, high level
IFH
6.3 (*)
¾
20
mA
Supply voltage, output
VCC
4.5
¾
5.5
V
High level enable voltage
VEH
2.0
¾
VCC
V
Low level enable voltage
VEL
0
¾
0.8
V
Fan out (TTL load)
N
¾
¾
8
¾
Operating temperature
Topr
0
¾
70
°C
(*) 6.3mA is a guard banded value which allows for at least 20% CTR degradation.
Initial input current threshold value is 5.0mA or less.
Maximum Ratings (no derating required)
Characteristic
Symbol
Rating
Unit
Forward current
IF
20
mA
Reverse voltage
VR
5
V
Output current
IO
25
mA
Output voltage
VO
-0.5~7
V
Supply voltage
(1 minute maximum)
VCC
7
V
Enable input voltage
(not to exceed VCC by more than 500mV)
VE
5.5
V
Output collector power dissipation
Po
40
mW
Operating temperature range
Topr
-40~85
°C
Storage temperature range
Tstg
-55~125
°C
Lead solder temperature (10s)
(**)
Tsol
260
°C
2500
Vrms
Isolation voltage
(R.H.≤ 60%,AC 1min.,
(Note 10)
BVS
3540
Vdc
(**) 1.6mm below seating plane.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com