Electronic Components Datasheet Search
  English  ▼

X  

TLP2601 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLP2601
Description  TOSHIBA Photocoupler GaALAs Ired & Photo-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2601 Datasheet(HTML) 8 Page - Toshiba Semiconductor

  TLP2601 Datasheet HTML 1Page - Toshiba Semiconductor TLP2601 Datasheet HTML 2Page - Toshiba Semiconductor TLP2601 Datasheet HTML 3Page - Toshiba Semiconductor TLP2601 Datasheet HTML 4Page - Toshiba Semiconductor TLP2601 Datasheet HTML 5Page - Toshiba Semiconductor TLP2601 Datasheet HTML 6Page - Toshiba Semiconductor TLP2601 Datasheet HTML 7Page - Toshiba Semiconductor TLP2601 Datasheet HTML 8Page - Toshiba Semiconductor TLP2601 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLP2601
2002-09-25
8
Notes
1.
The VCC supply voltage to each TLP2601 isolator must be bypassed by a 0.1µF capacitor of larger.This can be
either a ceramic or solid tantalum capacitor with good high frequency characteristic and should be connected
as close aspossible to the package VCC and GND pins of each device.
2.
tpHL
・
Propagation delay is measured from the 3.75mA level on the low to high transition of the input
current pulse to the 1.5V level on the high to low transition of the output voltage pulse.
3.
tpLH
・
Propagation delay is measured from the 3.75mA level on the high to low transition of the input
current pulse to the 1.5V level on the low to high transition of the output voltage pulse.
4.
tf
・
Fall time is measured from the 10% to the 90% levels of the high to low transition on the output
pulse.
5.
tr
・
Rise time is measured from the 90% to 10% levels of the low to high transition on the output
pulse.
6.
tEHL
・
Enable input propagation delay is measured from the 1.5V level on the low to high transition of
the input voltage pulse to the 1.5V level on the high to low transition of the output voltage pulse.
7.
tELH
・
Enable input propagation delay is measured from the 1.5V level on the high to low transition of
the input voltage pulse to the 1.5V level on the low to high transition of the output voltage pulse.
8.
CML
・
The maximum tolerable rate of fall of the common mode voltage to ensure the output will remain
in the low output state (i.e., VOUT < 0.8V).
Measured in volts per microsecond (V / µs).
9.
CMH
・
The maximum tolerable rate of fall of the common mode voltage to ensure the output will remain
in the high state (i.e., VOUT > 2.0V).
Measured in volts per microsecond(V / µs).
Volts/microsecond can be translated to sinusoidal voltages:
V / µs =
Max.
dt
)
CM
(dv
= fCM VCM (p.p.)
Example:
VCM = 318Vpp when fCM = 1MHz using CML and CMH = 1000V / µs data sheet specified
minimum.
10.
・
Device considered a two-terminal device: Pins 1, 2, 3 and 4 shorted together, and Pins 5, 6, 7 and
8 shorted together.
11. Enable ・ No pull up resistor required as the device has an internal pull up resistor.
input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com