Electronic Components Datasheet Search
  English  ▼

X  

TLP2601 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP2601
Description  TOSHIBA Photocoupler GaALAs Ired & Photo-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2601 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP2601 Datasheet HTML 1Page - Toshiba Semiconductor TLP2601 Datasheet HTML 2Page - Toshiba Semiconductor TLP2601 Datasheet HTML 3Page - Toshiba Semiconductor TLP2601 Datasheet HTML 4Page - Toshiba Semiconductor TLP2601 Datasheet HTML 5Page - Toshiba Semiconductor TLP2601 Datasheet HTML 6Page - Toshiba Semiconductor TLP2601 Datasheet HTML 7Page - Toshiba Semiconductor TLP2601 Datasheet HTML 8Page - Toshiba Semiconductor TLP2601 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP2601
2002-09-25
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo−IC
TLP2601
Isolated Line Receiver
Simplex / Multiplex Data Transmission
Computer−Peripheral Interface
Microprocessor System Interface
Digital Isolation For A/D, D/A Conversion
Direct Replacement For HCPL−2601
The TOSHIBA TLP2601 a photocoupler which combines a GaAℓAs IRed
as the emitter and an integrated high gain, high speed photodetector.
The output of the detector circuit is an open collector, Schottky clamped
transistor.
A Faraday shield integrated on the photodetector chip reduces the effects
of capacitive coupling between the input LED emitter and the high gain
stages of the detector. This provides an effective common mode transient
immunity of 1000V/µs.
· Input current thresholds: IF = 5mA max.
· Isolation voltage: 2500Vrms min.
· Switching speed: 10MBd
· Common mode transient immunity: 1000V/µs min.
· Guaranteed performance over temp.: 0°C~70°C
· UL Recognized: UL1577, file No. E67349
Truth Table
(positive logic)
Input
Enable
Output
H
H
L
L
H
H
H
L
H
L
L
H
A 0.01 to 0.1µF bypass capacitor must be
connected between pins 8 and 5 (see Note 1).
Pin Configuration (top view)
1
2
3
4
8
7
6
5
SHIELD
Schematic
IF
VF
2
3
SHIELD
VCC
VO
VE
GND
8
7
6
5
ICC
IO
IE
+
-
TOSHIBA
11−10C4
Weight: 0.54g
Unit in mm


Similar Part No. - TLP2601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2601 TOSHIBA-TLP2601 Datasheet
229Kb / 9P
Simplex / Multiplex Data Transmission
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
Simplex / Multiplex Data Transmission
More results

Similar Description - TLP2601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
27-May-2002
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
25-Sep-2002
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
25-Sep-2002
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
05-Sep-2003
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
21-Oct-2003
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com