Electronic Components Datasheet Search
  English  ▼

X  

OP249GPZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP249GPZ
Description  Precision JFET, High Speed, Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP249GPZ Datasheet HTML 2Page - Analog Devices OP249GPZ Datasheet HTML 3Page - Analog Devices OP249GPZ Datasheet HTML 4Page - Analog Devices OP249GPZ Datasheet HTML 5Page - Analog Devices OP249GPZ Datasheet HTML 6Page - Analog Devices OP249GPZ Datasheet HTML 7Page - Analog Devices OP249GPZ Datasheet HTML 8Page - Analog Devices OP249GPZ Datasheet HTML 9Page - Analog Devices OP249GPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet
OP249
Rev. I | Page 5 of 18
VS = ±15 V, −55°C ≤ TA ≤ +125°C for A grade, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
OP249A
Unit
Min
Typ
Max
Offset Voltage
VOS
VCM = 0 V
0.12
1.0
mV
Offset Voltage Temperature Coefficient
TCVOS
VCM = 0 V
1
10
μV/°C
Input Bias Current1
IB
4
20
nA
Input Offset Current1
IOS
0.04
4
nA
Input Voltage Range2
IVR
12.5
V
±11
V
−12.5
V
Common-Mode Rejection
CMR
VCM = ±11 V
76
110
dB
Power Supply Rejection Ratio
PSRR
VS = ±4.5 V to ±18 V
5
50
μV/V
Large Signal Voltage Gain
AVO
RL = 2 kΩ; VO = ±10 V
500
1400
V/mV
Output Voltage Swing
VO
RL = 2 kΩ
12.5
V
±12
V
−12.5
V
Supply Current
ISY
No load, VO = 0 V
5.6
7.0
mA
1 TA = 125°C.
2 Guaranteed by CMR test.
VS = ±15 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
OP249F
OP249G
Unit
Min
Typ
Max
Min
Typ
Max
Offset Voltage
VOS
VCM = 0 V
0.5
1.1
1.0
3.6
mV
Offset Voltage Temperature Coefficient
TCVOS
VCM = 0 V
2.2
12
6
25
μV/°C
Input Bias Current1
IB
0.3
4.0
0.5
4.5
nA
Input Offset Current1
IOS
0.02
1.2
0.04
1.5
nA
Input Voltage Range2
IVR
12.5
12.5
V
±11
±11
V
−12.5
−12.5
V
Common-Mode Rejection
CMR
VCM = ±11 V
80
90
76
95
dB
Power Supply Rejection Ratio
PSRR
VS = ±4.5 V to ±18 V
7
100
10
100
μV/V
Large Signal Voltage Gain
AVO
RL = 2 kΩ; VO = ±10 V
250
1200
250
1200
V/mV
Output Voltage Swing
VO
RL = 2 kΩ
12.5
12.5
V
±12
±12.0
V
−12.5
−12.5
V
Supply Current
ISY
No load, VO = 0 V
5.6
7.0
5.6
7.0
mA
1 TA = 85°C.
2 Guaranteed by CMR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com