Electronic Components Datasheet Search
  English  ▼

X  

OP249GPZ Datasheet(PDF) 8 Page - Analog Devices

Part # OP249GPZ
Description  Precision JFET, High Speed, Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button OP249GPZ Datasheet HTML 4Page - Analog Devices OP249GPZ Datasheet HTML 5Page - Analog Devices OP249GPZ Datasheet HTML 6Page - Analog Devices OP249GPZ Datasheet HTML 7Page - Analog Devices OP249GPZ Datasheet HTML 8Page - Analog Devices OP249GPZ Datasheet HTML 9Page - Analog Devices OP249GPZ Datasheet HTML 10Page - Analog Devices OP249GPZ Datasheet HTML 11Page - Analog Devices OP249GPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
OP249
Rev. I | Page 7 of 18
TYPICAL PERFORMANCE CHARACTERISTICS
120
100
80
60
40
20
0
–20
0
45
90
135
180
225
TA = 25°C
VS = ±15V
RL = 2kΩ
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
GAIN
PHASE
Θm = 55
Figure 6. Open-Loop Gain, Phase vs. Frequency
65
60
45
55
50
10
8
2
6
4
VS = ±15V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
GBW
Θm
Figure 7. Phase Margin, Gain Bandwidth Product vs. Temperature
140
120
100
80
60
40
20
0
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
TA = 25°C
VS = ±15V
Figure 8. Common-Mode Rejection vs. Frequency
120
100
80
60
40
20
0
TA = 25°C
VS = ±15V
+PSRR
–PSRR
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
Figure 9. Power Supply Rejection vs. Frequency
28
26
24
–SR
22
20
18
16
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
+SR
VS = ±15V
RL = 2kΩ
CL = 50pF
Figure 10. Slew Rate vs. Temperature
28
26
24
22
20
18
16
DIFFERENTIAL INPUT VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
TA = 25°C
VS = ±15V
RL = 2kΩ
Figure 11. Slew Rate vs. Differential Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com