Electronic Components Datasheet Search
  English  ▼

X  

OP249GPZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP249GPZ
Description  Precision JFET, High Speed, Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP249GPZ Datasheet HTML 3Page - Analog Devices OP249GPZ Datasheet HTML 4Page - Analog Devices OP249GPZ Datasheet HTML 5Page - Analog Devices OP249GPZ Datasheet HTML 6Page - Analog Devices OP249GPZ Datasheet HTML 7Page - Analog Devices OP249GPZ Datasheet HTML 8Page - Analog Devices OP249GPZ Datasheet HTML 9Page - Analog Devices OP249GPZ Datasheet HTML 10Page - Analog Devices OP249GPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
OP249
Data Sheet
Rev. I | Page 6 of 18
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter1
Rating
Supply Voltage
±18 V
Input Voltage2
±18 V
Differential Input Voltage2
36 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
−65°C to +175°C
Operating Temperature Range
OP249A (Q)
−55°C to +125°C
OP249F (Q)
−40°C to +85°C
OP249G (N, R)
−40°C to +85°C
Junction Temperature Range
OP249A (Q), OP249F (Q)
−65°C to +175°C
OP249G (N, R)
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1
Absolute maximum ratings apply to packaged parts, unless otherwise noted.
2
For supply voltages less than ±18 V, the absolute maximum input voltage is
equal to the supply voltage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Table 6. Thermal Resistance
Package Type
θJA1
θJC
Unit
8-Lead CERDIP (Q)
134
12
°C/W
8-Lead PDIP (N)
96
37
°C/W
8-Lead SOIC (R)
150
41
°C/W
1
θJA is specified for worst-case mounting conditions, that is, θJA is specified for
device in socket for CERDIP and PDIP packages; θJA is specified for device
soldered to printed circuit board for SOIC package.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com